Electronic Components Datasheet Search
  English  ▼

X  

AN2716 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2716 Datasheet HTML 7Page - STMicroelectronics AN2716 Datasheet HTML 8Page - STMicroelectronics AN2716 Datasheet HTML 9Page - STMicroelectronics AN2716 Datasheet HTML 10Page - STMicroelectronics AN2716 Datasheet HTML 11Page - STMicroelectronics AN2716 Datasheet HTML 12Page - STMicroelectronics AN2716 Datasheet HTML 13Page - STMicroelectronics AN2716 Datasheet HTML 14Page - STMicroelectronics AN2716 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AN2716
STCC08 description
Doc ID 14460 Rev 2
11/28
1.5
AVF signal reading synchronization
1.5.1
Detection window width definition
When the AC switch is off (not controlled or failed in open circuit), an IAC current flows
through the STCC08 AC input. The value of this current depends on RAC and Rshunt
resistors, the AC line voltage, and the AC load impedance. The AVF signal toggles between
VCC and zero level (GND) for an IAC current value noted IACT (see Figure 9). This has an
impact on the AC switch state detection. If the STCC08 is not controlled (IN = 0) and the
AVF signal is read when the IAC current is lower than IACT, the AC switch can be interpreted
as failed in short circuit (see Table 3).
Figure 9.
STCC08 AVF version when the AC switch is off
Note:
φAC is the phase shift between the AC line and the IAC current when the AC switch is off.
This phase shift is very low and can be neglected for most AC loads found in home
appliances (see Appendix A).
Table 3.
STCC08 status truth table
MCU control (IN)
AVF output state (1)
1.
The AVF output must be loaded with an external resistor (RAVF) or connected directly to the MCU, in pull
up input configuration (see Section 1.4.1).
AC switch state
0+VCC (Except at each zero crossing of the AC line)
Off (no failure)
0
Toggle from +VCC to 0
Diode mode
0
0
Short-circuit
1
0
On (no failure)
1+VCC (Except at each zero crossing of the AC line)
Open-circuit
VLine
IAC
AVF
IACT
-IACT
f
t
´
=
2
1
2
t (s)
t (s)
ϕ
1
t
2
t
0
0 =
t
F
t
x
=
2
1
A
C
B
AC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com