Electronic Components Datasheet Search
  English  ▼

X  

AN2716 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2716 Datasheet HTML 14Page - STMicroelectronics AN2716 Datasheet HTML 15Page - STMicroelectronics AN2716 Datasheet HTML 16Page - STMicroelectronics AN2716 Datasheet HTML 17Page - STMicroelectronics AN2716 Datasheet HTML 18Page - STMicroelectronics AN2716 Datasheet HTML 19Page - STMicroelectronics AN2716 Datasheet HTML 20Page - STMicroelectronics AN2716 Datasheet HTML 21Page - STMicroelectronics AN2716 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Electromagnetic compatibility (EMC) tests
AN2716
18/28
Doc ID 14460 Rev 2
5
Electromagnetic compatibility (EMC) tests
5.1
Demonstration board description
The STCC08 has been tested using a stand-alone demonstration board (see Appendix B)
and according to IEC 61000-4-4. Appendix C and Appendix D give respectively the
electrical schematic and the layout of the demonstration board. This demonstration board
can work on 110 V / 230 V rms 50 / 60 Hz mains voltage. The STCC08 board includes:
●
The STCC08
●
The ACS108-6S
●
An STLITE39 MCU.
●
A capacitive power supply (C15 = 10 nF)
●
An In-dart connector to load the MCU firmware
●
Mechanical switches used to simulate different AC switch failures (diode mode, short
circuit and open circuit)
●
A mechanical switch to control the STCC08 IN signal through MCU
●
LEDs used to visualize the detected ACS failure modes.
●
An AC load: light bulb (15 W at 230 V rms)
The STLITE39 MCU is used to turn the ACS108-6S on / off through the STCC08 and to
analyze the AVF signal to power LEDs indicating AC switch states and failures (AC switch
ON, diode mode, short circuit and open circuit).
Regarding the power supply, the maximum average current absorbed by the board is about
48 mA. A 2.2 µF C16 capacitor has been used to ensure the board works correctly (see
Appendix C).
5.2
IEC 61000-4-4 burst immunity test
5.2.1
Test conditions
●
Ambient temperature: 25°C
●
Relative humidity: 35%
5.2.2
Demonstration board immunity test
The AC line input X2 capacitor C15 (10 nF) is used to help avoid triggering the AC switch
(ACS108-6S). The MCU program reads the AVF signal at each AC line peak voltage (see
Figure 16). The demonstration board is validated if the AVF signal remains at the same level
during three consecutive AC line cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com