Electronic Components Datasheet Search
  English  ▼

X  

AN2716 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2716 Datasheet HTML 12Page - STMicroelectronics AN2716 Datasheet HTML 13Page - STMicroelectronics AN2716 Datasheet HTML 14Page - STMicroelectronics AN2716 Datasheet HTML 15Page - STMicroelectronics AN2716 Datasheet HTML 16Page - STMicroelectronics AN2716 Datasheet HTML 17Page - STMicroelectronics AN2716 Datasheet HTML 18Page - STMicroelectronics AN2716 Datasheet HTML 19Page - STMicroelectronics AN2716 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Recommended component values
AN2716
16/28
Doc ID 14460 Rev 2
3
Recommended component values
Figure 14 and Table 5 show the application diagram and the recommended values to
implement the STCC08 device in the appliance according the AC line voltage.
Figure 14.
Application diagram
Table 5.
Recommended value
VLine
230 V rms at 50 Hz
110 V rms at 50 Hz
RShunt
300 k
Ω @ ¼ W
100 k
Ω @ ¼ W
RAC
300 k
Ω @ ¼ W
100 k
Ω @ ¼ W
RAVF
10 k
Ω @ ¼ W
10 k
Ω @ ¼ W
RIG
IGT = 10 mA @ -20 °C
30
Ω ± 1% @ ¼ W
30
Ω ± 1% @ ¼ W
IGT = 5 mA @ -20 °C
68
Ω ± 1% @ ¼ W
68
Ω ± 1% @ ¼ W
C
33 nF
33 nF
tAVF_READ
5.1 ms
5.1 ms
t2_min (see Appendix A)
8.3 ms
8.9 ms
ΔtDetection_min
3.2 ms
3.8 ms
AVF
VCC
GND
RIG
AC
IN
G
MCU
VCC = 3.3V to 5V
VCC
VCC
AVF
GND
GND
Load
Neutral
ACS
STCC08
RAC
C
Line
Front end relay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com