Electronic Components Datasheet Search
  English  ▼

X  

AN2716 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2716
Description  STCC08 application guidelines
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2716 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2716 Datasheet HTML 15Page - STMicroelectronics AN2716 Datasheet HTML 16Page - STMicroelectronics AN2716 Datasheet HTML 17Page - STMicroelectronics AN2716 Datasheet HTML 18Page - STMicroelectronics AN2716 Datasheet HTML 19Page - STMicroelectronics AN2716 Datasheet HTML 20Page - STMicroelectronics AN2716 Datasheet HTML 21Page - STMicroelectronics AN2716 Datasheet HTML 22Page - STMicroelectronics AN2716 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AN2716
Electromagnetic compatibility (EMC) tests
Doc ID 14460 Rev 2
19/28
Figure 16.
AVF signal detection
The demonstration board and mains wires are placed 10 cm above the ground reference.
The mains wire is shorter than 1 m. Each operating cycle has been tested (load off and on).
The demonstration board supports burst levels higher than 4 kV without spurious triggering
of the ACS or ST7Lite3 MCU loss whatever the coupling mode (to L, N, etc.).
5.2.3
Advice to improve the application immunity
To improve the application performance in term of EMC, the software must be EMC oriented
(for more information please refer to the application note AN1015):
●
Auto-recovery routine. At each reset interrupt, the program must check if the data
stored in the RAM are as scheduled or not. A reset can occur without the supply
voltage having fallen below VRM (data retention parameter). In this case, a full start-up
is not necessary, and the program can keep working with the previous RAM data. This
is helpful to avoid missing load control and the AC switch status when a reset occurs
due to an EMI problem, for example. If the checked RAM registers are not as expected,
then a complete initialization procedure is launched. If the RAM area is adequate, then
a “smart reset” can be performed. Only the registers that are used to store internal sub-
routine variables are cleared. Only the main registers keep their previous values (AC
switch status, AC switch control …).
●
Using the watchdog properly. Enable the watchdog as soon as possible after reset
and never refresh the watchdog in an interrupt routine.
●
Secure the unused program memory area. Fill the unused memory locations with
code that forces a watchdog reset or jumps to a known program
location if you do not
want to generate a reset.
●
Input filtering. It is recommended that the AVF signal be read during several AC line
cycles.
VAC
Timer
ZVS detection => Timer on
ZVS delay
> T/4 ms
T/2 ms
Read AVF and timer off
Read AVF and timer of
ZVS detection => Timer on
ZVS delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com