Electronic Components Datasheet Search
  English  ▼

X  

AN2719 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2719
Description  Precision improvement techniques
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2719 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2719 Datasheet HTML 7Page - STMicroelectronics AN2719 Datasheet HTML 8Page - STMicroelectronics AN2719 Datasheet HTML 9Page - STMicroelectronics AN2719 Datasheet HTML 10Page - STMicroelectronics AN2719 Datasheet HTML 11Page - STMicroelectronics AN2719 Datasheet HTML 12Page - STMicroelectronics AN2719 Datasheet HTML 13Page - STMicroelectronics AN2719 Datasheet HTML 14Page - STMicroelectronics AN2719 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
AN2719
ADC errors
11/22
2.5.2
Reference voltage source
One of the biggest potential sources of errors in an ADC is the reference voltage. It is
important to look at three reference voltage specifications: temperature drift, voltage noise,
and load regulation (input resistance of reference input on STM8 ADC converter is >60 k
Ω).
2.5.3
Temperature influence
Temperature has a big effect on ADC precision. Mainly two specifications are important:
offset drift and gain drift. Those errors can be compensated in microcontroller firmware. One
method is to fully characterize the offset and gain drift and provide a lookup table in memory
to correct measurement due to temperature change. The ADC in each MCU device must
then be compensated individually - therefore this calibration takes additional cost and time.
The second method is to recalibrate the ADC when temperature change reaches given
values. The effect of temperature on ADC accuracy is usually not specified seperately for
microcontrollers because it is lower than other effects. It is included in the values for the
other error types.
2.5.4
AC performance
Usually ADC performance is good only if input signals are from DC level up to Nyquist
frequency. This is because an ADC design contains not only resistors but also capacitors
(and parasitic RLC elements). Therefore frequency response degrades ADC performance if
frequency increases. In case of AC measurement, the ADC frequency parameters must be
studied; mainly signal-to-noise ratio (SNR), total harmonic distortion (THD) and spurious-
free dynamic range (SFDR). Additional parameters can be signal-to-noise and distortion
ratio (SINAD) and effective number of bits (ENOB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com