Electronic Components Datasheet Search
  English  ▼

X  

AN2719 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2719
Description  Precision improvement techniques
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2719 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2719 Datasheet HTML 8Page - STMicroelectronics AN2719 Datasheet HTML 9Page - STMicroelectronics AN2719 Datasheet HTML 10Page - STMicroelectronics AN2719 Datasheet HTML 11Page - STMicroelectronics AN2719 Datasheet HTML 12Page - STMicroelectronics AN2719 Datasheet HTML 13Page - STMicroelectronics AN2719 Datasheet HTML 14Page - STMicroelectronics AN2719 Datasheet HTML 15Page - STMicroelectronics AN2719 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Methods for precision improvement
AN2719
12/22
3
Methods for precision improvement
3.1
Introduction
ADC converter precision is fixed by its principle, design and implementation but can be also
improved by several hardware and/or software methods. Hardware methods improve ADC
results by changing the environment around the ADC (PCB design, RC filters, ...) to obtain
more accurate ADC output. Software methods try to improve the raw ADC results by
postprocessing methods. Some CPU power is required to perform these methods, which
can be implemented in the microcontroller firmware.
3.2
Hardware methods
●
Analog zooming (use appropriate VREF voltage and VREF offset):
–
select reference voltage between input signal ranges
–
gives full ADC range - min. voltage per bit
●
White noise added to measured signal:
–
wobbling of input signal over several bits gives the opportunity to use averaging (if
input signal is very stable)
–
white noise gives independence from sampling frequency
●
Good hardware design:
–
grounding
–
reference voltage filtering
–
supply filtering
–
preamplifier usage
–
frequency independence
–…
3.2.1
Analog zooming
Analog zooming is method which improves precision by proper selection of the reference
voltage. The reference voltage is selected in the expected range of the signal to be
measured.
If the measured signal has an offset, then the reference voltage should also have a similar
offset. If the measured signal has defined maximum amplitude, then the reference voltage
should also have a similar maximum value. By matching this reference voltage to the
measurement signal range we obtain the maximum possible resolution using the full A/D
converter output range.
In the STM8 ADC the reference voltage is connected to external pins VREF+ and VREF-.
This makes it possible to match the reference voltage to the measured signal range.
To VREF- pin you can connect the minimum measured voltage and to VREF+ pin you
connect the maximum measured voltage. Take care to respect the minimum and maximum
allowed reference signal levels - these values are specified in the datasheet for the related
STM8 device type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com