Electronic Components Datasheet Search
  English  ▼

X  

AN2719 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2719
Description  Precision improvement techniques
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2719 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2719 Datasheet HTML 10Page - STMicroelectronics AN2719 Datasheet HTML 11Page - STMicroelectronics AN2719 Datasheet HTML 12Page - STMicroelectronics AN2719 Datasheet HTML 13Page - STMicroelectronics AN2719 Datasheet HTML 14Page - STMicroelectronics AN2719 Datasheet HTML 15Page - STMicroelectronics AN2719 Datasheet HTML 16Page - STMicroelectronics AN2719 Datasheet HTML 17Page - STMicroelectronics AN2719 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Methods for precision improvement
AN2719
14/22
3.2.3
Hardware design rules
Good hardware design can remove or minimize many external influences on the measured
signal and measuring device. Therefore good design is also a method of improving
precision, or rather a method of minimizing additional errors caused by the external
hardware. The following lists the main rules for minimizing external influences.
Grounding:
Care must be taken in the design of the PCB grounding. Ground paths on a PCB have
nonzero resistance (and impedance) therefore current flowing through these paths
generates a voltage drop. This voltage drop changes the voltages at points that are
important for the ADC. For example it changes the reference voltage on the microcontroller
pins slightly or influences the input signal on the microcontroller analog input pins. Good
design minimizes this voltage drop. Methods of doing this are: minimizing the ground path
impedance and minimizing the current through important ground paths (topology).
To minimize ground impedance: use massive ground paths. To minimize current through
sensitive connections: use star topology, use independent PCB lines from input signal pins
to microcontroller analog inputs, use independent PCB lines from the reference voltage
source to microcontroller reference voltage inputs. Simply: supply current should not flow
through signal ground - use signal ground and power ground in design.
Voltage filtering:
To minimize any external influences on the precise voltage levels used by the ADC, it is
good to use filters on these voltage sources. Good filters must be applied on the reference
voltage and on the supply voltage. Filter design depends on the noise amplitude present on
the voltage sources, the external noise disturbance and the required precision.
Preamplifier usage:
If the measured signal is too small (in comparison to the ADC range) then it is good to use
external preamplifier. This amplifier can fit the input signal range to the ADC range and can
also insert offsets between input signal and ADC input. Care must be taken in the
preamplifier design in order not to generate additional errors (for example additional offset,
amplifier gain stability, linearity, frequency response, ... ).
Frequency independence:
In cases where an AC signal is measured, frequency is an important characteristic of the
input signal path. When measuring fast changes in the input signal then the frequency
response of the signal path must be flat, even at high frequencies. The parasitic resistance
and parasitic capacitance on PCB signal paths must be minimized. Otherwise, when
measuring DC signal levels, adding an RC filter to the input signal data path can improve
robustness against external noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com