Electronic Components Datasheet Search
  English  ▼

X  

AN2719 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2719
Description  Precision improvement techniques
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2719 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2719 Datasheet HTML 12Page - STMicroelectronics AN2719 Datasheet HTML 13Page - STMicroelectronics AN2719 Datasheet HTML 14Page - STMicroelectronics AN2719 Datasheet HTML 15Page - STMicroelectronics AN2719 Datasheet HTML 16Page - STMicroelectronics AN2719 Datasheet HTML 17Page - STMicroelectronics AN2719 Datasheet HTML 18Page - STMicroelectronics AN2719 Datasheet HTML 19Page - STMicroelectronics AN2719 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Methods for precision improvement
AN2719
16/22
15th order. The amplitude of 15th harmonics in the main signal is very small (the next order
harmonics can be neglected). The calculated effective value of the mains signal can be
obtained with high precision because the effective values of harmonics are added to the
total AC harmonic value as:
So if the 15th harmonics amplitude is only 1% (0.01) from 1st harmonics (50 Hz) then its
contribution to the total effective value will be only 0.01% (because of above equation -
square addition: 0.012 = 0.0001).
The principle of this method is therefore to sample the AC signal with a known frequency
and then perform FFT postprocessing on the data of each measured period. Because the
number of sampling points per measured signal period is small (32 points for example) then
the performance needed for FFT processing is not so high (only 32-point FFT for example).
If there is no requirement for real-time processing, for example, with a stable input signal
shape, and measuring only one period per second, as in the case of the mains signal, then
FFT can be calculated even by an 8-bit microcontroller.
Advantages: this method is good for AC measurement of a stable input signal. The
disadvantage is the requirement for precise signal sampling. The frequency of the measured
signal must be known and the ADC sampling frequency must be set exactly as a 2n
multiplier of the measured frequency. The input signal frequency can be measured by
another method. The ADC sampling frequency can be tuned by programming the prescaler
and MCU master clock or interpolation can used to insert sample points at the required
frequency if sampling is performed with an inaccurate clock.
3.3.4
ADC calibration
This method requires knowledge of internal ADC structure and how the ADC converter is
implemented inside the microcontroller. This knowledge is necessary in order to design a
physical/mathematical model of the ADC implementation. In case of an unknown ADC
implementation we can use standard models - linear or polynomic.
A proper physical model (which is usually a schematic diagram) can be used as the base for
describing it mathematically. From the mathematical model each element in the model can
be obtained by set of equations (for example, resistor values which represent bit weights).
To solve these equations is necessary to perform a set of practical measurements and
obtain a set of solvable equations (for example, measurement: input signal versus the
proper ADC digital output words).
From the measured values and mathematical computation of the model, all known values of
model elements (resistors, voltages, capacitors,...) can be put into the schematic diagram.
So instead of the ADC converter schematic with the designed values you obtain an ADC
converter schematic with the real values for a given microcontroller.
Computed model parameters can be stored in the microcontroller memory after calibration
and used in postprocessing to correct ADC values.
U
ef
U
1
2
U
2
2
… U
n
2
++
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com