Electronic Components Datasheet Search
  English  ▼

X  

AN2834 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 12Page - STMicroelectronics AN2834 Datasheet HTML 13Page - STMicroelectronics AN2834 Datasheet HTML 14Page - STMicroelectronics AN2834 Datasheet HTML 15Page - STMicroelectronics AN2834 Datasheet HTML 16Page - STMicroelectronics AN2834 Datasheet HTML 17Page - STMicroelectronics AN2834 Datasheet HTML 18Page - STMicroelectronics AN2834 Datasheet HTML 19Page - STMicroelectronics AN2834 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
ADC errors
AN2834
16/45
DocID15067 Rev 2
2.2.3
External reference voltage parameters
In case of usage external source for reference voltage (on VREF+ pin) there are important
parameters of this external reference source. It is important to look at three reference
voltage specifications: temperature drift, voltage noise, long term stability.
2.2.4
Analog input signal noise
Small but high-frequency signal variation can result in big conversion errors during sampling
time. This noise is generated by electrical devices, for example, motors, engine ignition,
power lines, and so on, and affects the source signal (for example a sensor) by adding an
unwanted signal. As a consequence, the conversion results of the ADC are not accurate.
2.2.5
ADC dynamic range bad match for maximum input signal amplitude
It is very important that the ADC dynamic range matches the maximum amplitude of the
signal to be converted to have the maximum ADC conversion precision. Let us assume that
the signal to be converted varies between 0 V to 2.5 V and that VREF+ is equal to 3.3 V. The
maximum signal value converted by the ADC is 3102 (2.5 V) as shown in Figure 14. In this
case, there are 993 unused transitions (4095 – 3102 = 993). This implies a loss in the
converted signal accuracy.
See Section 3.2.5: Matching the ADC dynamic range to the maximum signal amplitude on
page 23 for details on how to have the ADC dynamic range matching the maximum input
signal amplitude.
Figure 14. Input signal amplitude vs. ADC dynamic range
2.2.6
Effect of the analog signal source resistance
The impedance of the analog signal source, or series resistance (RAIN), between the source
and pin causes a voltage drop across it because of the current flowing into the pin. The
charging of the internal sampling capacitor CADC is controlled by switches with resistance
RADC.
With the addition of source resistance (with RADC), the time required to fully charge the hold
capacitor increases. Figure 15 shows the analog signal source resistance effect.
The effective charging of CADC is governed by RADC + RAIN, so the charging time constant
becomes tc = (RADC+RAIN) × CADC. If the sampling time is less than the time required to fully
charge the CADC through RADC + RAIN (ts < tc), the digital value converted by the ADC is
less than the actual value.
2.5 V
(3102h)
VREF+ = 3.3 V
(4095h)
t
V
unused ADC transition range
ai15499



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com