Electronic Components Datasheet Search
  English  ▼

X  

AN2834 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 34Page - STMicroelectronics AN2834 Datasheet HTML 35Page - STMicroelectronics AN2834 Datasheet HTML 36Page - STMicroelectronics AN2834 Datasheet HTML 37Page - STMicroelectronics AN2834 Datasheet HTML 38Page - STMicroelectronics AN2834 Datasheet HTML 39Page - STMicroelectronics AN2834 Datasheet HTML 40Page - STMicroelectronics AN2834 Datasheet HTML 41Page - STMicroelectronics AN2834 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
How to get the best ADC accuracy
AN2834
38/45
DocID15067 Rev 2
Workaround for extra high impedance sources
This workaround consists of 2 parts: a hardware change and a software change.
Hardware change:
The hardware change consists of adding a large external capacitor (Cext) to the input pin.
The capacity size connected to the input pin must reach the value that causes the
discharging of the internal sampling capacity Csh to the external capacitor Cext without
increasing the voltage on Cext to more than 0.5 lsb. 
Example:
If the internal capacitor (Csh = 16 pF) is charged to full scale (Umax, which corresponds to
4096 lsb), then the external capacitor Cext must be charged at maximum 0.5 lsb voltage
level (Ulsb) after discharging Csh to it. The capacity of Cext will then be:
The closest larger standard value chosen here is: Cext = 150 nF.
If the internal sampling capacitor Csh is not charged to full voltage range (4096 level) before
sampling, you can calculate the Cext value replacing “4096” in the formula above.
Calculating with 4096 level gives precise measurement results also in the case of ADC input
channels switching (Csh was charged from different ADC input in the previous
measurement).
A side effect of this hardware workaround is the cyclical charging of Cext which must be
taken into account. Each ADC conversion transfers charge from Csh to Cext. One transfer
charges the Cext below 0.5 lsb, as described above, but more transfers can charge Cext to
larger values if it is not discharged between two conversions. Figure 36 shows an example
of this scenario where the ADC measurement is performed faster.
Figure 36. Charging the external capacitor with too short time between conversions
Cext Csh
Umax
Ulsb
--------------
16pF
4096
0.5
-------------
131nF
=
t
Too short
t
C
Recommended
t
C
ai17908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com