Electronic Components Datasheet Search
  English  ▼

X  

AN2834 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 30Page - STMicroelectronics AN2834 Datasheet HTML 31Page - STMicroelectronics AN2834 Datasheet HTML 32Page - STMicroelectronics AN2834 Datasheet HTML 33Page - STMicroelectronics AN2834 Datasheet HTML 34Page - STMicroelectronics AN2834 Datasheet HTML 35Page - STMicroelectronics AN2834 Datasheet HTML 36Page - STMicroelectronics AN2834 Datasheet HTML 37Page - STMicroelectronics AN2834 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
How to get the best ADC accuracy
AN2834
34/45
DocID15067 Rev 2
3.3.4
ADC calibration
This method requires knowledge of internal ADC structure and how the ADC converter is
implemented inside the microcontroller. This knowledge is necessary in order to design a
physical/mathematical model of the ADC implementation.
A proper physical model (which is usually a schematic diagram) is used as the base for
describing it mathematically. From the mathematical model, each element in the model can
be obtained by a set of equations (for example, resistor/capacitor values which represent bit
weights). To solve these equations, it is necessary to perform a set of practical
measurements and obtain a set of solvable equations.
From the measured values and mathematical computation of the model, all known values of
model elements (resistors, voltages, capacitors,...) can be put into the schematic diagram.
So instead of the ADC schematic with the designed values, you obtain an ADC schematic
with the real values for a given microcontroller.
Computed model parameters are stored in the microcontroller memory after calibration and
used in post-processing to correct ADC values.
3.3.5
Minimizing internal CPU noise
When the CPU operates, it generates a lot of internal and external signal changes which are
transferred into the ADC peripheral through capacitive coupling. This disturbance influences
ADC precision (unpredictable noise due to different microcontroller operations).
To minimize influences of the CPU (and of other peripherals) on ADC, it is necessary to
minimize digital signal changes during sampling and conversion time (digital silence). This is
done using one of the following methods (applied during sampling and conversion time):
minimizing I/O pin changes
minimizing internal CPU changes (CPU stop, wait mode)
stopping clock for unnecessary peripherals (timers, communications...)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com