Electronic Components Datasheet Search
  English  ▼

X  

AN2834 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN2834 Datasheet HTML 32Page - STMicroelectronics AN2834 Datasheet HTML 33Page - STMicroelectronics AN2834 Datasheet HTML 34Page - STMicroelectronics AN2834 Datasheet HTML 35Page - STMicroelectronics AN2834 Datasheet HTML 36Page - STMicroelectronics AN2834 Datasheet HTML 37Page - STMicroelectronics AN2834 Datasheet HTML 38Page - STMicroelectronics AN2834 Datasheet HTML 39Page - STMicroelectronics AN2834 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
How to get the best ADC accuracy
AN2834
36/45
DocID15067 Rev 2
3.4.2
Explanation of the behavior
The explanation of this added pin noise and added measurement error (in case a signal
source with high internal impedance is used) comes from the internal ADC structure: its
input sampling circuit.
Figure 33 shows a simplified schematic of the input stage (sample and hold circuit).
Figure 33. ADC simplified schematic of input stage - sample and hold circuit
The spikes (noise) present on ADC input pin during conversions are related to the sampling
switch (S1). If the switch is closed, some charge (coming from the sample and hold
capacitor Csh or caused by another effect) is transferred to the input pin. Then this charge
starts discharging through the source impedance (Rin). The discharge process ends at the
end of the sampling time (tS) when the switch S1 is opened. The remaining undischarged
voltage remains on the capacitor Csh and ADC measures this voltage. If the sampling time
(tS) is too short, the remaining voltage does not drop under 0.5 lsb and ADC measurement
shows an added error. Figure 34 shows this process.
Figure 34. ADC input pin noise spikes from internal charge during sampling process
Note that a non-zero external capacitance Cext (parasitic pin capacitance) also exists, so
during conversion time the pin capacitance is discharged through source impedance Rin.
ADC input
S1
Csh
ai17905
Sampling time (t
S)
=
Discharging time
Conversion time
(tC)
t
ai17906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com