Electronic Components Datasheet Search
  English  ▼

X  

LT6553 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6553
Description  650MHz Gain of 2 Triple Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6553 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6553 Datasheet HTML 3Page - Linear Technology LT6553 Datasheet HTML 4Page - Linear Technology LT6553 Datasheet HTML 5Page - Linear Technology LT6553 Datasheet HTML 6Page - Linear Technology LT6553 Datasheet HTML 7Page - Linear Technology LT6553 Datasheet HTML 8Page - Linear Technology LT6553 Datasheet HTML 9Page - Linear Technology LT6553 Datasheet HTML 10Page - Linear Technology LT6553 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT6553
7
6553f
EN (Pin 1): Enable Control Pin. An internal pull-up resistor
of 46k defines the pin’s impedance and will turn the part off
if the pin is unconnected. When the pin is pulled low, the
part is enabled.
DGND (Pin 2): Digital Ground Reference for Enable Pin.
This pin is normally connected to ground.
INR (Pin 3): Red Channel Input. This pin has a nominal
impedance of 400k
Ω and does not have any internal
termination resistor.
AGND (Pin 4): Analog Ground for 370
Ω Gain Resistor of
Red Channel Amplifier.
ING (Pin 5): Green Channel Input. This pin has a nominal
impedance of 400k
Ω and does not have any internal
termination resistor.
AGND (Pin 6): Analog Ground Shared for the 370
Ω Gain
Resistors of both Green and Blue Channel Amplifiers.
Additional resistance at this pin will increase the crosstalk
between the green and blue channels.
INB (Pin 7): Blue Channel Input. This pin has a nominal
impedance of 400k
Ω and does not have any internal
termination resistor.
V– (Pin 8): Negative Supply Voltage. V– pins are not
internally connected to each other, and must all be con-
nected externally. Proper supply bypassing is necessary
for best performance. See the Applications Information
section.
V– (Pin 9): Negative Supply Voltage for Blue Channel
Output Stage. V– pins are not internally connected to each
other, and must all be connected externally. Proper supply
bypassing is necessary for best performance. See the
Applications Information section.
OUTB (Pin 10): Blue Channel Output. It is twice the blue
channel input, and performs optimally with a 150
Ω load (a
double terminated 75
Ω cable).
V+ (Pin 11): Positive Supply Voltage for Output Stages of
Amplifiers B and G. V+ pins are not internally connected to
each other, and must all be connected externally. Proper
supply bypassing is necessary for best performance. See
the Applications Information section.
OUTG (Pin 12): Green Channel Output. It is twice the green
channel input, and performs optimally with a 150
Ω load (a
double terminated 75
Ω cable).
V– (Pin 13): Negative Supply Voltage for Output Stage of
Amplifiers G and R. V+ pins are not internally connected to
each other, and must all be connected externally. Proper
supply bypassing is necessary for best performance. See
the Applications Information section.
OUTR (Pin 14): Red Channel Output. It is twice the red
channel input, and performs optimally with a 150
Ω load (a
double terminated 75
Ω cable).
V+ (Pin 15): Positive Supply Voltage for Output Stage R.
V+ pins are not internally connected to each other, and
must all be connected externally. Proper supply bypassing
is necessary for best performance. See the Applications
Information section.
V+ (Pin 16): Positive Supply Voltage. V+ pins are not
internally connected to each other, and must all be con-
nected externally. Proper supply bypassing is necessary
for best performance. See the Applications Information
section.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com