Electronic Components Datasheet Search
  English  ▼

X  

LT6553 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6553
Description  650MHz Gain of 2 Triple Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6553 Datasheet(HTML) 5 Page - Linear Technology

  LT6553 Datasheet HTML 1Page - Linear Technology LT6553 Datasheet HTML 2Page - Linear Technology LT6553 Datasheet HTML 3Page - Linear Technology LT6553 Datasheet HTML 4Page - Linear Technology LT6553 Datasheet HTML 5Page - Linear Technology LT6553 Datasheet HTML 6Page - Linear Technology LT6553 Datasheet HTML 7Page - Linear Technology LT6553 Datasheet HTML 8Page - Linear Technology LT6553 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT6553
5
6553f
6553 G11
6553 G10
FREQUENCY (kHz)
0.001
0.01
1
10
100
0.1
1000
100
10
1
6553 G12
FREQUENCY (MHz)
0.001
0.01
1
10
100
0.1
FREQUENCY (MHz)
0.01
0.1
10
100
1000
1
1000
100
10
1
0.1
70
60
50
40
30
20
10
0
VS = ±5V
TA = 25°C
FREQUENCY (MHz)
0.1
10
1000
9
8
7
6
5
4
3
2
1
0
6553 G13
1
100
FREQUENCY (MHz)
0.1
1000
6553 G14
1
10
100
0.5
0.4
0.3
0.2
0.1
0
– 0.1
– 0.2
– 0.3
– 0.4
– 0.5
FREQUENCY (MHz)
0.1
0
–20
–40
–60
–80
– 100
– 120
1
10
100
1000
6553 G15
VS = ±5V
VOUT = 2VP-P
RL = 150Ω
TA = 25°C
ALL-
HOSTILE
WORST
ADJACENT
FREQUENCY (MHz)
18
16
14
12
10
8
6
4
2
0
–2
–4
–6
6553 G16
FREQUENCY (MHz)
0.01
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
– 100
– 110
– 120
0.1
1
10
6553 G17
6553 G18
100
0.1
1
10
100
1000
VS = ±5V
VOUT = 2VP-P
RL = 150Ω
TA = 25°C
VS = ±5V
VOUT = 2VP-P
RL = 150Ω
TA = 25°C
in
–PSRR
FREQUENCY (MHz)
0.01
10
100
100
1
0.1
0.1
1
10
1000
1000
VS = ±5V
RL = 150Ω
TA = 25°C
DISABLED
VEN = 4V
ENABLED
VEN = 0.4V
+PSRR
CL = 10pF
CL = 4.7pF
CL = 0pF
±PSRR
VS = ±5V
RL = 150Ω
TA = 25°C
VS = ±5V
VOUT = 200mVP-P
RL = 150Ω
TA = 25°C
TYPICAL PART
G-CHANNEL
R-CHANNEL
B-CHANNEL
VOUT = 2VP-P
VOUT = 4VP-P
VOUT = 200mVP-P
HD3
HD2
VS = ±5V
TA = 25°C
VS = ±5V
VIN = 0V
TA = 25°C
en
TYPICAL PERFOR A CE CHARACTERISTICS
Frequency Response vs Output
Amplitude
Gain Flatness vs Frequency
Crosstalk vs Frequency
Frequency Response with
Capacitive Loads
Harmonic Distortion vs Frequency
Output Impedance vs Frequency
Input Noise Spectral Density
Input Impedance vs Frequency
PSRR vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com