Electronic Components Datasheet Search
  English  ▼

X  

LT6553 Datasheet(PDF) 1 Page - Linear Technology

Part # LT6553
Description  650MHz Gain of 2 Triple Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6553 Datasheet(HTML) 1 Page - Linear Technology

  LT6553 Datasheet HTML 1Page - Linear Technology LT6553 Datasheet HTML 2Page - Linear Technology LT6553 Datasheet HTML 3Page - Linear Technology LT6553 Datasheet HTML 4Page - Linear Technology LT6553 Datasheet HTML 5Page - Linear Technology LT6553 Datasheet HTML 6Page - Linear Technology LT6553 Datasheet HTML 7Page - Linear Technology LT6553 Datasheet HTML 8Page - Linear Technology LT6553 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT6553
1
6553f
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
15
2
5V
16
1
–5V
–5V
–
+
14
370
Ω
370
Ω
75
Ω
+
–
12
370
Ω
370
Ω
75
Ω
+
–
10
9
5V
11
–5V
13
8
7
6
5
4
3
370
Ω
370
Ω
75
Ω
RIN
GIN
BIN
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
LT6553
6553 TA01a
The LT
®6553 is a high-speed triple video amplifier with an
internally fixed gain of 2. The individual amplifiers are
optimized for performance with a double terminated 75
Ω
video load and feature a 2VP–P full signal bandwidth of
400MHz, making them ideal for driving very high-resolu-
tion video signals. Separate power supply pins for each
amplifier boost channel separation to 75dB, allowing the
LT6553 to excel in many high-speed applications.
While the performance of the LT6553 is optimized for dual
supply operation, it can also be used on a single supply as
small as 4.5V. Using dual 5V supplies, each amplifier
draws only 8mA. When disabled, the amplifiers draw less
than 100
µA and the output pins become high impedance.
Furthermore, the amplifiers are capable of turning on in
less than 50ns, making them ideal for multiplexing and
portable applications.
The LT6553 is manufactured on Linear Technology’s
proprietary low voltage complementary bipolar process
and is available in the 16-lead SSOP package that fits in the
same PCB area as an SO-8 package.
s
RGB Amplifiers
s
Coaxial Cable Drivers
s
LCD Projectors
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
650MHz –3dB Small Signal Bandwidth
s
400MHz –3dB 2VP-P Large Signal Bandwidth
s
150MHz
±0.1dB Bandwidth
s
High Slew Rate: 2500V/
µs
s
Fixed Gain of 2 Requires No External Resistors
s
75dB Channel Separation at 10MHz
s
50dB Channel Separation at 100MHz
s
–82dBc 2nd Harmonic Distortion at 10MHz, 2VP-P
s
–72dBc 3rd Harmonic Distortion at 10MHz, 2VP-P
s
Low Supply Current: 8mA per Amplifier
s
6ns 0.1% Settling Time for 2V Step
s
TTL Compatible Enable ISS ≤ 100µA when Disabled
s
Differential Gain of 0.022%, Differential
Phase of 0.006
°
s
Wide Supply Range:
±2.25V (4.5V) to ±6V (12V)
s
Available in 16-Lead SSOP Package
650MHz Gain of 2
Triple Video Amplifier
Triple Video Line Driver
TIME (ns)
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
4
8
12
16
6553 TA01b
20
2
0
6
10
14
18
VIN = 1VP–P
VS = ±5V
RL = 15OΩ
TA = 25°C
Large Signal Transient Response


Similar Part No. - LT6553

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6553 LINER-LT6553 Datasheet
168Kb / 8P
650MHz Gain of 2 Triple Video Amplifier
LT6553 LINER-LT6553 Datasheet
193Kb / 12P
650MHz Gain of 2 Triple Video Amplifier
LT6553 LINER-LT6553 Datasheet
356Kb / 16P
650MHz Gain of 2 Triple 2 1Video Multiplexer
LT6553CGN LINER-LT6553CGN Datasheet
168Kb / 8P
650MHz Gain of 2 Triple Video Amplifier
LT6553CGN LINER-LT6553CGN Datasheet
193Kb / 12P
650MHz Gain of 2 Triple Video Amplifier
More results

Similar Description - LT6553

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC6704 FAIRCHILD-RC6704 Datasheet
73Kb / 8P
Triple Fixed Gain Video Amplifier
logo
Linear Technology
LT6553 LINER-LT6553 Datasheet
168Kb / 8P
650MHz Gain of 2 Triple Video Amplifier
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
March 29, 2006
logo
Linear Technology
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
650MHz Gain of 2 Triple Video Amplifier
LT6554 LINER-LT6554 Datasheet
166Kb / 12P
650MHz Gain of 1 Triple Video Buffer
LT6555 LINER-LT6555 Datasheet
364Kb / 16P
650MHz Gain of 2 Triple 2:1Video Multiplexer
LT6555IGN LINER-LT6555IGN Datasheet
356Kb / 16P
650MHz Gain of 2 Triple 2 1Video Multiplexer
LT6554 LINER-LT6554_15 Datasheet
172Kb / 12P
650MHz Gain of 1 Triple Video Buffer
LT6555 LINER-LT6555_15 Datasheet
370Kb / 16P
650MHz Gain of 2 Triple 2:1Video Multiplexer
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com