Electronic Components Datasheet Search
  English  ▼

X  

LT6553 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6553
Description  650MHz Gain of 2 Triple Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6553 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6553 Datasheet HTML 4Page - Linear Technology LT6553 Datasheet HTML 5Page - Linear Technology LT6553 Datasheet HTML 6Page - Linear Technology LT6553 Datasheet HTML 7Page - Linear Technology LT6553 Datasheet HTML 8Page - Linear Technology LT6553 Datasheet HTML 9Page - Linear Technology LT6553 Datasheet HTML 10Page - Linear Technology LT6553 Datasheet HTML 11Page - Linear Technology LT6553 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT6553
9
6553f
TYPICAL APPLICATIO
RGB Buffer Demo Board
The DC714 Demo Board illustrates optimal routing,
bypassing and termination using the LT6553 as an
RGB video buffer. The schematic is shown in Figure 1. All
inputs and outputs are routed to have a characteristic
impedance of 75
Ω and 75Ω input shunt and output series
terminations are connected as close to the part as pos-
sible. For ideal operation, a 75
Ω load termination should
be connected at the output. The LT6553’s gain of 2 will
compensate for the resulting divider between the series
and load termination resistors.
Figure 1. DC714 Demo Board Schematic
V–
V–
J4
BANANA JACK
10
11
12
13
14
15
16
R6
75
Ω
R5
75
Ω
R4
75
Ω
R1
75
Ω
R2
75
Ω
R3
75
Ω
Z = 75
Z = 75
Z = 75
Z = 75
C1
4700pF
9
INB
AGND
ING
AGND
INR
DGND
EN
V–
V+
V+
8
7
6
5
4
3
2
1
V–
OUTB
V+
OUTG
V–
OUTR
V+
V+
LT6553
6553 F01
C2
470pF
C3
4700pF
C4
10
µF, 16V
1210
J2
BANANA
JACK
J9
5
1
OUTR
4
3
2
C5
470pF
DUAL
SINGLE
C6
1000pF
C7
470pF
C8
4700pF
C9
10
µF, 16V
1210
J10
5
J12
BNC
NOTE 5
BNC x3
5
1
CAL
4
3
2
1
OUTG
4
3
2
J11
5
1
OUTB
4
3
2
J8
BNC
5
1
J3
BANANA
JACK
E3
AGND
E1
EN
E2
DGND
CAL
AGND
4
3
2
13
2
JP3
SUPPLY
ENABLE
EXT
3
1 2
JP1
CONTROL
J5
5
1
INR
4
3
2
J6
5
BNC
× 3
1
ING
4
3
2
J7
5
1
Z = 75
Z = 75
Z = 75
INB
4
3
2
AGND
FLOAT
3
1 2
JP2
DGND
J1
50
Ω BNC
EN
5432
1
APPLICATIO S I FOR ATIO
If the AGND pins are not connected directly to a low
impedance ground plane, they must be carefully bypassed
to maintain minimal impedance over frequency. Pin 6 is a
shared connection of the gain resistors of both channel G
and channel B, and any resistance external to this node can
significantly decrease the isolation between those chan-
nels. Although crosstalk will be very dependent on the
board layout, a recommended starting point for bypass
capacitors would be 470pF as close as possible to each
AGND pin with one 4700pF capacitor in parallel.
To maintain the LT6553’s channel isolation, it is beneficial
to shield parallel input and output traces using a ground
plane or power supply traces. Vias between topside and
backside metal may be required to maintain a low
inductance ground near the part where numerous traces
converge.
ESD Protection
The LT6553 has reverse-biased ESD protection diodes on
all pins. If any pins are forced a diode drop above the
positive supply or a diode drop below the negative supply,
large currents may flow through these diodes. If the
current is kept below 10mA, no damage to the devices will
occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com