Electronic Components Datasheet Search
  English  ▼

X  

LTC1452 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1452
Description  12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1452 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1452 Datasheet HTML 4Page - Linear Technology LTC1452 Datasheet HTML 5Page - Linear Technology LTC1452 Datasheet HTML 6Page - Linear Technology LTC1452 Datasheet HTML 7Page - Linear Technology LTC1452 Datasheet HTML 8Page - Linear Technology LTC1452 Datasheet HTML 9Page - Linear Technology LTC1452 Datasheet HTML 10Page - Linear Technology LTC1452 Datasheet HTML 11Page - Linear Technology LTC1452 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1451
LTC1452/LTC1453
sn145123 145123fas
Reference
The LTC1451 includes an internal 2.048V reference, mak-
ing 1LSB equal to 1mV (gain of 2). The LTC1453 has an
internal reference of 1.22V with a full scale of 2.5V (gain of
2.05). The internal reference output is turned off when the
pin is forced above the reference voltage, allowing an
external reference to be connected to the reference pin.
The LTC1452 has no internal reference and the REF pin
must be driven externally. The buffer gain is 2, so the
external reference must be less than VCC/2 and be capable
of driving the 8k minimum DAC resistor ladder.
Voltage Output
The LTC1451 family’s rail-to-rail buffered output can
source or sink 5mA over the entire operating temperature
range while pulling to within 300mV of the positive supply
voltage or ground. The output swings to within a few
millivolts of either supply rail when unloaded and has an
equivalent output resistance of 40
Ω when driving a load to
the rails. The output can drive 1000pF without going into
oscillation.
Serial Interface
The data on the DIN input is loaded into the shift register
on the rising edge of the clock. The MSB is loaded first. The
DAC register loads the data from the shift register when
CS/LD is pulled high. The CLK is disabled internally when
CS/LD is high. Note: CLK must be low before CS/LD is
pulled low to avoid an extra internal clock pulse.
The buffered output of the 12-bit shift register is available
on the DOUT pin which swings from GND to VCC.
Multiple LTC1451/LTC1452/LTC1453s may be daisy-
chained together by connecting the DOUT pin to the DIN
pin of the next chip, while the CLK and CS/LD signals
remain common to all chips in the daisy chain. The serial
data is clocked to all of the chips, then the CS/LD signal is
pulled high to update all of them simultaneously.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com