Electronic Components Datasheet Search
  English  ▼

X  

LTC1452 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1452
Description  12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1452 Datasheet(HTML) 5 Page - Linear Technology

  LTC1452 Datasheet HTML 1Page - Linear Technology LTC1452 Datasheet HTML 2Page - Linear Technology LTC1452 Datasheet HTML 3Page - Linear Technology LTC1452 Datasheet HTML 4Page - Linear Technology LTC1452 Datasheet HTML 5Page - Linear Technology LTC1452 Datasheet HTML 6Page - Linear Technology LTC1452 Datasheet HTML 7Page - Linear Technology LTC1452 Datasheet HTML 8Page - Linear Technology LTC1452 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1451
LTC1452/LTC1453
sn145123 145123fas
LOAD RESISTANCE (
Ω)
10
100
1k
10k
1451/2/3 G05
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
FULL SCALE
RL TIED TO GND
ZERO SCALE
RL TIED TO VCC
VCC = 5V
OUTPUT SINK CURRENT (mA)
1000
100
10
1
0.1
0.0001
0.1
1
10
100
1451/2/3 G06
0.001
0.01
125
°C
–55
°C
25
°C
LOGIC INPUT VOLTAGE (V)
0
1.15
1.05
0.95
0.85
0.75
0.65
0.55
0.45
0.35
4.0
1451/2/3 G04
1.0 1.5
2.5
3.5
4.5
0.5
2.0
3.0
5.0
ALL DIGITAL INPUTS
TIED TOGETHER
LTC1451
Supply Current vs Logic Input
Voltage
LTC1451
Output Swing vs Load Resistance
LTC1451
Pull-Down Voltage vs Output Sink
Current Capability
TEMPERATURE (
°C)
–55
–25
5
35
65
1451/2/3 G07
95
900
800
700
600
500
400
300
125
CODE
0
0.5
0.0
–0.5
1024
2048 2560
1451/2/3 TA02
512
1536
3072 3584 4095
LTC1451
Differential Nonlinearity (DNL)
CODE
0
2.0
1.6
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
–2.0
1024
2048 2560
1451/2/3 G09
512
1536
3072 3584 4095
VCC = 5V
INTERNAL REFERENCE
TA = 25°C
LTC1451
Integral Nonlinearity (INL)
0.2LSB/DIV
LTC1452
Total Harmonic Distortion + Noise
vs Frequency
LTC1451
Broadband Output Noise
FREQUENCY (Hz)
–40
–50
–60
–70
–80
–90
–100
100
50
10k
100k
1451/2/3 G08
1k
VCC = 5V
VIN = 2VP-P
VOUT = 4VP-P
LTC1451
Offset Voltage vs Temperature
5ms/DIV
CODE = FFFH
BW = 3Hz TO 1.4MHz
GAIN = 1000
1451/2/3 G10
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com