Electronic Components Datasheet Search
  English  ▼

X  

LTC1452 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1452
Description  12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1452 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1452 Datasheet HTML 4Page - Linear Technology LTC1452 Datasheet HTML 5Page - Linear Technology LTC1452 Datasheet HTML 6Page - Linear Technology LTC1452 Datasheet HTML 7Page - Linear Technology LTC1452 Datasheet HTML 8Page - Linear Technology LTC1452 Datasheet HTML 9Page - Linear Technology LTC1452 Datasheet HTML 10Page - Linear Technology LTC1452 Datasheet HTML 11Page - Linear Technology LTC1452 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1451
LTC1452/LTC1453
sn145123 145123fas
An Isolated 4mA to 20mA Process Controller
Has 3.3V Minimum Loop Voltage
11451/2/3 TA04
3k
10k
1k
45k
5k
90k
5k
Q1
2N3440
RS
10
Ω
VLOOP
3.3V TO 30V
IOUT
OUT
IN
CLK
DIN
CS/LD
CLK
DIN
CS/LD
CLK
DIN
CS/LD
VCC
VOUT
1
µF
LTC1453
4N28
OPTO-ISOLATORS
3.3V
500
Ω
LT
®1121-3.3
FROM
OPTO-
ISOLATED
INPUTS
VREF
+
–
LT1077
This circuit shows how to use an LTC1453 to make an
opto-isolated digitally controlled 4mA to 20mA process
controller. The controller circuitry, including the opto-
isolation, is powered by the loop voltage that can have a
wide range of 3.3V to 30V. The 1.22V reference output of
the LTC1453 is used for the 4mA offset current and VOUT
is used for the digitally controlled 0mA to 16mA current.
RS is a sense resistor and the op amp modulates the
transistor Q1 to provide the 4mA to 20mA current through
this resistor. The potentiometers allow for offset and full-
scale adjustment. The control circuitry dissipates well
under the 4mA budget at zero-scale.
Note that although these DACs have internal Schmitt
triggers and are suitable for use with slow rising edges
such as produced by the above optoisolator, the use of
optoisolators in a daisy-chained topology requires the
addition of a gate or the use of a fast isolator on the clock
signal. Setup and hold times between DOUT and DIN are not
guaranteed unless a clock edge with a rise time of less than
100ns is provided.
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com