Electronic Components Datasheet Search
  English  ▼

X  

LTC1452 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1452
Description  12-Bit Rail-to-Rail Micropower DACs in SO-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1452 Datasheet(HTML) 4 Page - Linear Technology

  LTC1452 Datasheet HTML 1Page - Linear Technology LTC1452 Datasheet HTML 2Page - Linear Technology LTC1452 Datasheet HTML 3Page - Linear Technology LTC1452 Datasheet HTML 4Page - Linear Technology LTC1452 Datasheet HTML 5Page - Linear Technology LTC1452 Datasheet HTML 6Page - Linear Technology LTC1452 Datasheet HTML 7Page - Linear Technology LTC1452 Datasheet HTML 8Page - Linear Technology LTC1452 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1451
LTC1452/LTC1453
sn145123 145123fas
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V (LTC1451LTC1452), VCC = 3V (LTC1453).
LOAD CURRENT (mA)
0.0001
110
5.4
5.2
5.0
4.8
4.6
4.4
4.2
4.0
1451/2/3 G01
0.01
0.001
0.1
100
∆VOUT < 1LSB
TEMPERATURE (
°C)
–55
–25
5
35
65
1451/2/3 G03
95
450
440
430
420
410
400
390
380
370
360
350
125
VCC = 5.5V
VCC = 4.5V
VCC = 5V
LOAD CURRENT (mA)
0.0001
110
4.50
4.25
4.00
3.75
3.50
3.25
3.00
2.75
2.50
2.25
1451/2/3 G02
0.01
0.001
0.1
100
∆VOUT < 1LSB
LTC1451
Supply Current vs Temperature
LTC1451 Minimum Supply
Voltage vs Load Current
LTC1453 Minimum Supply
Voltage vs Load Current
Note 3: Load is 5k
Ω in parallel with 100pF.
Note 4: DAC switched between all 1s and the code corresponding to VOS
for the part, i.e., LTC1451: code 18; LTC1453: code 30.
Note 5: Digital inputs at 0V or VCC.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: Nonlinearity is defined from the first code that is greater than or
equal to the maximum offset specification to code 4095 (full scale).
LTC1451/LTC1452
LTC1453
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Digital I/O
VIH
Digital Input High Voltage
q
2.4
2.0
V
VIL
Digital Input Low Voltage
q
0.8
0.6
V
VOH
Digital Output High Voltage
IOUT = – 1mA
q
VCC – 1.0
VCC – 0.7
V
VOL
Digital Output Low Voltage
IOUT = 1mA
q
0.4
0.4
V
ILEAK
Digital Input Leakage
VIN = GND to VCC
q
±10
±10
µA
CIN
Digital Input Capacitance
Guaranteed by Design
q
10
10
pF
Not Subject to Test
Switching
t1
DIN Valid to CLK Setup
q
40
60
ns
t2
DIN Valid to CLK Hold
q
00
ns
t3
CLK High Time
q
40
60
ns
t4
CLK Low Time
q
40
60
ns
t5
CS/LD Pulse Width
q
50
80
ns
t6
LSB CLK to CS/LD
q
40
60
ns
t7
CS/LD Low to CLK
q
20
30
ns
t8
DOUT Output Delay
CLOAD = 15pF
q
150
220
ns
t9
CLK Low to CS/LD Low
q
20
30
ns
ELECTRICAL CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com