Electronic Components Datasheet Search
  English  ▼

X  

LTC1591 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1591
Description  14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591 Datasheet(HTML) 1 Page - Linear Technology

  LTC1591 Datasheet HTML 1Page - Linear Technology LTC1591 Datasheet HTML 2Page - Linear Technology LTC1591 Datasheet HTML 3Page - Linear Technology LTC1591 Datasheet HTML 4Page - Linear Technology LTC1591 Datasheet HTML 5Page - Linear Technology LTC1591 Datasheet HTML 6Page - Linear Technology LTC1591 Datasheet HTML 7Page - Linear Technology LTC1591 Datasheet HTML 8Page - Linear Technology LTC1591 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1591/LTC1597
15917fa
14-Bit and 16-Bit Parallel
Low Glitch Multiplying DACs
with 4-Quadrant Resistors
The LTC
®1591/LTC1597 are pin compatible, parallel input
14-bit and 16-bit multiplying current output DACs that oper-
atefromasingle5Vsupply.INLandDNLareaccurateto1LSB
over the industrial temperature range in both 2- and 4-
quadrant multiplying modes. True 16-bit 4-quadrant multi-
plication is achieved with on-chip 4-quadrant multiplication
resistors.
These DACs include an internal deglitcher circuit that reduces
the glitch impulse to less than 2nV-s (typ). The asynchronous
CLR pin resets the LTC1591/LTC1597 to zero scale and
LTC1591-1/LTC1597-1 to midscale.
The LTC1591/LTC1597 are available in 28-pin SSOP and
PDIP packages and are specified over the industrial tempera-
ture range.
For serial interface 16-bit current output DACs refer to the
LTC1595/LTC1596 data sheet.
■ Process Control and Industrial Automation
■ Direct Digital Waveform Generation
■ Software-Controlled Gain Adjustment
■ Automatic Test Equipment
■ True 16-Bit Performance Over Industrial
Temperature Range
■ DNL and INL: 1LSB Max
■ On-Chip 4-Quadrant Resistors Allow Precise 0V to
10V, 0V to – 10V or
±10V Outputs
■ Pin Compatible 14- and 16-Bit Parts
■ Asynchronous Clear Pin
LTC1591/LTC1597: Reset to Zero Scale
LTC1591-1/LTC1597-1: Reset to Midscale
■ Glitch Impulse < 2nV-s
■
28-Lead SSOP Package
■ Low Power Consumption: 10
μW Typ
■ Power-On Reset
LTC1591/LTC1591-1 Integral Nonlinearity
LTC1597/LTC1597-1 Integral Nonlinearity
DIGITAL INPUT CODE
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
16384
32768
1591/97 TA03
49152
65535
VREF = 10V
VOUT = ±10V BIPOLAR
DIGITAL INPUT CODE
0
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
4096
8192
1591/97 TA02
12288
16383
VREF = 10V
VOUT = ±10V BIPOLAR
16-Bit, 4-Quadrant Multiplying DAC with a
Minimum of External Components
TYPICAL APPLICATIO
APPLICATIO S
DESCRIPTIO
FEATURES
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
VCC
LTC1597-1
RFB
RFB
ROFS
ROFS
5V
LD
LD
32
98
28
23
15pF
7
22
R1
RCOM
1
REF
4
5
0.1
μF
6
IOUT1
15pF
VOUT =
–VREF
TO VREF
1591/97 TA01
AGND
DGND
LT
®1468
WR
10 TO 21,
24 TO 27
WR
CLR
CLR
VREF
LT1468
16-BIT DAC
R1
R2
16
DATA
INPUTS


Similar Part No. - LTC1591

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1591 LINER-LTC1591 Datasheet
386Kb / 20P
14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
LTC1591 LINER-LTC1591 Datasheet
303Kb / 20P
16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1591 LINER-LTC1591 Datasheet
285Kb / 24P
Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1591 LINER-LTC1591 Datasheet
264Kb / 20P
18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1591-1C LINER-LTC1591-1C Datasheet
386Kb / 20P
14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
More results

Similar Description - LTC1591

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1591 LINER-LTC1591 Datasheet
386Kb / 20P
14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
logo
Analog Devices
AD5546 AD-AD5546 Datasheet
683Kb / 16P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
AD5547 AD-AD5547 Datasheet
481Kb / 20P
Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
logo
Linear Technology
LTC1597 LINER-LTC1597_15 Datasheet
233Kb / 20P
14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com