Electronic Components Datasheet Search
  English  ▼

X  

LTC1591 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1591
Description  14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1591 Datasheet HTML 10Page - Linear Technology LTC1591 Datasheet HTML 11Page - Linear Technology LTC1591 Datasheet HTML 12Page - Linear Technology LTC1591 Datasheet HTML 13Page - Linear Technology LTC1591 Datasheet HTML 14Page - Linear Technology LTC1591 Datasheet HTML 15Page - Linear Technology LTC1591 Datasheet HTML 16Page - Linear Technology LTC1591 Datasheet HTML 17Page - Linear Technology LTC1591 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LTC1591/LTC1597
15917fa
APPLICATIONS INFORMATION
Figure 1b. Unipolar Operation (2-Quadrant Multiplication) VOUT = 0V to – VREF
Bipolar Mode
(4-Quadrant Multiplying, VOUT = – VREF to VREF)
The LTC1591/LTC1597 contain on chip all the 4-quadrant
resistors necessary for bipolar operation. 4-quadrant
multiplying operation can be achieved with a minimum of
external components, a capacitor and a dual op amp, as
shown in Figure 2. With a fixed 10V reference, the circuit
shown gives a precision bipolar – 10V to 10V output
swing.
Op Amp Selection
Because of the extremely high accuracy of the 14-/16-bit
LTC1591/LTC1597, thought should be given to op amp
selection in order to achieve the exceptional performance
of which the part is capable. Fortunately, the sensitivity of
INL and DNL to op amp offset has been greatly reduced
compared to previous generations of multiplying DACs.
Op amp offset will contribute mostly to output offset and
gain and will have minimal effect on INL and DNL. For the
LTC1597, a 500
μVopampoffsetwillcauseabout0.55LSB
INL degradation and 0.15LSB DNL degradation with a 10V
full-scale range. The main effects of op amp offset will be
a degradation of zero-scale error equal to the op amp
offset, and a degradation of full-scale error equal to twice
the op amp offset. For the LTC1597, the same 500
μV op
amp offset (2mV offset for LTC1591) will cause a 3.3LSB
zero-scale error and a 6.5LSB full-scale error with a 10V
full-scale range.
Op amp input bias current (IBIAS) contributes only a zero-
scale error equal to IBIAS(RFB/ROFS) = IBIAS(6k). For a
thorough discussion of 16-bit DAC settling time and op
amp selection, refer to Application Note 74, “
Component
and Measurement Advances Ensure 16-Bit DAC Settling
Time.”
Reference Input and Grounding
For optimum performance the reference input of the
LTC1597 should be driven by a source impedance of less
than 1k
Ω. However, these DACs have been designed to
minimize source impedance effects. An 8k
Ω source im-
pedance degrades both INL and DNL by 0.2LSB.
As with any high resolution converter, clean grounding is
important. A low impedance analog ground plane and star
grounding should be used. AGND must be tied to the star
ground with as low a resistance as possible.
VCC
LTC1597
RFB
RFB
ROFS
ROFS
5V
LD
LD
3
2
98
28
23
7
22
R1
RCOM
1
REF
4
5
0.1
μF
6
IOUT1
33pF
VOUT =
0V TO
–VREF
1591/97 F01b
AGND
DGND
WR
10 TO 21,
24 TO 27
WR
CLR
CLR
VREF
LT1001
16-BIT DAC
R1
R2
16
DATA
INPUTS
Unipolar Binary Code Table
DIGITAL INPUT
BINARY NUMBER
IN DAC REGISTER
–VREF (65,535/65,536)
–VREF (32,768/65,536) = –VREF/2
–VREF (1/65,536)
0V
LSB
1111 1111
1111
0000 0000
0000
0000 0000
0001
0000 0000
0000
ANALOG OUTPUT
VOUT
MSB
1111
1000
0000
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com