Electronic Components Datasheet Search
  English  ▼

X  

LTC1591 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1591
Description  14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1591 Datasheet HTML 2Page - Linear Technology LTC1591 Datasheet HTML 3Page - Linear Technology LTC1591 Datasheet HTML 4Page - Linear Technology LTC1591 Datasheet HTML 5Page - Linear Technology LTC1591 Datasheet HTML 6Page - Linear Technology LTC1591 Datasheet HTML 7Page - Linear Technology LTC1591 Datasheet HTML 8Page - Linear Technology LTC1591 Datasheet HTML 9Page - Linear Technology LTC1591 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1591/LTC1597
15917fa
TYPICAL PERFOR A CE CHARACTERISTICS
DIGITAL INPUT CODE
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
4096
8192
1591 G01
– 0.6
0.6
0.8
0.2
12280
16383
Integral Nonlinearity (INL)
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1591 G03
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
Integral Nonlinearity
vs Reference Voltage
in Unipolar Mode
DIGITAL INPUT CODE
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
4096
8192
1591 G02
– 0.6
0.6
0.8
0.2
12280
16383
Differential Nonlinearity (DNL)
Integral Nonlinearity
vs Reference Voltage
in Bipolar Mode
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1591 G04
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
Differential Nonlinearity
vs Reference Voltage
in Unipolar Mode
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1591 G05
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
(LTC1591)
Differential Nonlinearity
vs Reference Voltage
in Bipolar Mode
REFERENCE VOLTAGE (V)
–10
0.2
0.6
1.0
6
1591 G06
– 0.2
– 0.6
0
0.4
0.8
– 0.4
– 0.8
–1.0
–6
–2
2
–8
8
–4
0
4
10
Integral Nonlinearity vs
Supply Voltage in Unipolar Mode
SUPPLY VOLTAGE (V)
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
2
4
5
1591 G07
– 0.6
0.6
0.8
0.2
1
3
6
7
VREF = 10V
VREF = 2.5V
VREF = 10V
VREF = 2.5V
Integral Nonlinearity vs
Supply Voltage in Bipolar Mode
SUPPLY VOLTAGE (V)
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
2
4
5
1591 G08
– 0.6
0.6
0.8
0.2
1
3
6
7
VREF = 10V
VREF = 2.5V
VREF = 10V
VREF = 2.5V
Differential Nonlinearity vs
Supply Voltage in Unipolar Mode
SUPPLY VOLTAGE (V)
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
2
4
5
1591 G09
– 0.6
0.6
0.8
0.2
1
3
6
7
VREF = 10V
VREF = 2.5V
VREF = 10V
VREF = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com