Electronic Components Datasheet Search
  English  ▼

X  

LTC1591 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1591
Description  14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1591 Datasheet HTML 12Page - Linear Technology LTC1591 Datasheet HTML 13Page - Linear Technology LTC1591 Datasheet HTML 14Page - Linear Technology LTC1591 Datasheet HTML 15Page - Linear Technology LTC1591 Datasheet HTML 16Page - Linear Technology LTC1591 Datasheet HTML 17Page - Linear Technology LTC1591 Datasheet HTML 18Page - Linear Technology LTC1591 Datasheet HTML 19Page - Linear Technology LTC1591 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1591/LTC1597
15917fa
TYPICAL APPLICATIONS
Digital Waveform Generator
VCC
LTC1597
RFB
RFB
ROFS
ROFS
5V
LD
3
2
98
28
23
7
22
R1
RCOM
1
REF
4
5
0.1
μF
6
IOUT1
15pF
1591/97 F05
AGND
DGND
WR
10 TO 21,
24 TO 27
CLR
LT1468
16-BIT DAC
R1
R2
16
DATA
INPUTS
LT1001
6
4
2
15V
LT1236A-10
LOWPASS
FILTER
(M)(fC)
2n
fO =
SIN ROM
LOOKUP
TABLE
PARALLEL
DELTA
PHASE
REGISTER
M
PHASE
REGISTER
PHASE
TRUNCATION
16 BITS
PHASE ACCUMULATOR
FREQUENCY CONTROL
n = 24 TO 32 BITS
CLOCK
n
n
n
n
n
SERIAL
OR BYTE
LOAD
REGISTER
Σ
fO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com