Electronic Components Datasheet Search
  English  ▼

X  

LTC3200 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3200
Description  Low Noise, Regulated Charge Pump DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3200 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3200 Datasheet HTML 3Page - Linear Technology LTC3200 Datasheet HTML 4Page - Linear Technology LTC3200 Datasheet HTML 5Page - Linear Technology LTC3200 Datasheet HTML 6Page - Linear Technology LTC3200 Datasheet HTML 7Page - Linear Technology LTC3200 Datasheet HTML 8Page - Linear Technology LTC3200 Datasheet HTML 9Page - Linear Technology LTC3200 Datasheet HTML 10Page - Linear Technology LTC3200 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC3200/LTC3200-5
7
Maximum Available Output Current
For the adjustable LTC3200, the maximum available out-
put current and voltage can be calculated from the effec-
tive open-loop output resistance, ROL, and effective output
voltage, 2VIN(MIN).
Tantalum and aluminum capacitors are not recommended
because of their high ESR.
The value of COUT directly controls the amount of output
ripple for a given load current. Increasing the size of COUT
will reduce the output ripple at the expense of higher
minimum turn on time and higher start-up current. The
peak-to-peak output ripple is approximately given by the
expression:
V
I
fC
RIPPLEP P
OUT
OSC
OUT
− ≅
2•
Where fOSC is the LTC3200/LTC3200-5’s oscillator fre-
quency (typically 2MHz) and COUT is the output charge
storage capacitor.
Both the style and value of the output capacitor can signifi-
cantly affect the stability of the LTC3200/LTC3200-5. As
shown in the Block Diagrams, the LTC3200/LTC3200-5
use a linear control loop to adjust the strength of the charge
pump to match the current required at the output. The
error signal of this loop is stored directly on the output
charge storage capacitor. The charge storage capacitor
also serves to form the dominant pole for the control loop.
To prevent ringing or instability on the LTC3200-5 it is
important for the output capacitor to maintain at least 0.47
µF
of capacitance over all conditions. On the adjustable
LTC3200 the output capacitor should be at least 0.47
µF ×
5V/VOUT to account for the alternate gain factor.
Likewise excessive ESR on the output capacitor will tend
to degrade the loop stability of the LTC3200/LTC3200-5.
The closed loop output resistance of the LTC3200-5 is
designed to be 0.5
Ω. For a 100mA load current change,
the output voltage will change by about 50mV. If the output
capacitor has 0.3
Ω or more of ESR, the closed loop
frequency response will cease to roll off in a simple one
pole fashion and poor load transient response or instabil-
ity could result. Ceramic capacitors typically have excep-
tional ESR performance and combined with a tight board
layout should yield very good stability and load transient
performance.
As the value of COUT controls the amount of output
ripple, the value of CIN controls the amount of ripple
present at the input pin (VIN). The input current to the
OPERATIO
From Figure 2 the available current is given by:
I
VV
R
OUT
IN
OUT
OL
=
2–
Typical ROL values as a function of temperature are shown
in Figure 3.
Figure 2. Equivalent Open-Loop Circuit
+
–
ROL
IOUT
VOUT
2VIN
32005 F02
+
–
VIN, VOUT Capacitor Selection
The style and value of capacitors used with the LTC3200/
LTC3200-5 determine several important parameters such
as regulator control loop stability, output ripple, charge
pump strength and minimum start-up time.
To reduce noise and ripple, it is recommended that low
ESR (< 0.1
Ω) ceramic capacitors be used for both CIN
and COUT. These capacitors should be 0.47µF or greater.
Figure 3. Typical ROL vs Temperature
AMBIENT TEMPERATURE (
°C)
–50
–25
025
50
32005 • F03
75
100
IOUT = 100mA
CFLY = 1µF
VFB = 0V
11
10
9
8
VIN = 3.3V
VIN = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com