Electronic Components Datasheet Search
  English  ▼

X  

LTC3200 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3200
Description  Low Noise, Regulated Charge Pump DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3200 Datasheet(HTML) 3 Page - Linear Technology

  LTC3200 Datasheet HTML 1Page - Linear Technology LTC3200 Datasheet HTML 2Page - Linear Technology LTC3200 Datasheet HTML 3Page - Linear Technology LTC3200 Datasheet HTML 4Page - Linear Technology LTC3200 Datasheet HTML 5Page - Linear Technology LTC3200 Datasheet HTML 6Page - Linear Technology LTC3200 Datasheet HTML 7Page - Linear Technology LTC3200 Datasheet HTML 8Page - Linear Technology LTC3200 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3200/LTC3200-5
3
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage vs Supply Voltage
Output Voltage vs Load Current
SUPPLY VOLTAGE (V)
2.7
5.15
5.10
5.05
5.00
4.95
4.90
4.85
3.0
3.3
3.6
3.9
3200 F01
4.2
4.5
CIN = COUT = CFLY = 1µF
IOUT = 20mA
TA = 85°C
TA = 25°C
TA = – 40°C
LOAD CURRENT (mA)
0
200
3200 G02
50
100
150
5.2
5.1
5.0
4.9
4.8
VIN = 2.7V
VIN = 3V
VIN = 3.2V
CIN = COUT = CFLY = 1µF
TA = 25°C
SUPPLY VOLTAGE (V)
2.7
6
5
4
3
3.0
3.3
3.6
3.9
3200 G03
4.5
4.2
CIN = COUT = CFLY = 1µF
VSHDN = VIN
TA = 85°C
TA = – 40°C
TA = 25°C
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
SUPPLY VOLTAGE (V)
2.7
3.0
3.3
3.6
3.9
3200 G04
4.5
4.2
TA = – 40°C
TA = 25°C
TA = 85°C
SUPPLY VOLTAGE (V)
2.7
3.0
3.3
3.6
3.9
3200 G05
4.5
4.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
TA = 85°C
TA = 25°C
TA = – 40°C
SUPPLY VOLTAGE (V)
2.7
250
200
150
100
3.0
3.3
3.6
3.9
3200 G07
4.5
4.2
CFLY = 1µF
TA = 25°C
VOUT = 0V
Oscillator Frequency vs Supply
Voltage
VSHDN Threshold Voltage vs
Supply Voltage
Efficiency vs Load Current
No Load Supply Current vs Supply
Voltage
Short Circuit Current vs Supply
Voltage
LOAD CURRENT (mA)
100
90
80
70
60
50
40
30
1
10
100
3200 G06
CIN = COUT = CFLY = 1µF
TA = 25°C
VIN = 2.7V
VIN = 3.2V
VIN = 3.7V
VIN = 4.5V
(LTC3200-5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com