Electronic Components Datasheet Search
  English  ▼

X  

LTC3200 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3200
Description  Low Noise, Regulated Charge Pump DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3200 Datasheet(HTML) 4 Page - Linear Technology

  LTC3200 Datasheet HTML 1Page - Linear Technology LTC3200 Datasheet HTML 2Page - Linear Technology LTC3200 Datasheet HTML 3Page - Linear Technology LTC3200 Datasheet HTML 4Page - Linear Technology LTC3200 Datasheet HTML 5Page - Linear Technology LTC3200 Datasheet HTML 6Page - Linear Technology LTC3200 Datasheet HTML 7Page - Linear Technology LTC3200 Datasheet HTML 8Page - Linear Technology LTC3200 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3200/LTC3200-5
4
PIN FUNCTIONS
C+ (Pins 1/6): Flying Capacitor Positive Terminal.
VIN (Pins 2/5): Input Supply Voltage. VIN should be
bypassed with a 1
µF to 4.7µF low ESR ceramic capacitor.
C– (Pins 3/4): Flying Capacitor Negative Terminal.
GND (Pins 4,5/2): Ground. Should be tied to a ground
plane for best performance.
SHDN (Pins 6/3): Active Low Shutdown Input. A low on
SHDN disables the LTC3200/LTC3200-5. SHDN must not
be allowed to float.
FB (Pin 7): (LTC3200 Only) Feedback Input Pin. An output
divider should be connected from VOUT to FB to program
the output voltage.
VOUT (Pins 8/1): Regulated Output Voltage. VOUT should
be bypassed with a 1
µF to 4.7µF low ESR ceramic capaci-
tor as close as possible to the pin for best performance.
LTC3200/LTC3200-5
TYPICAL PERFOR A CE CHARACTERISTICS
VOUT Soft-Start Ramp
Output Ripple
Load Transient Response
(LTC3200-5) TA = 25°C
VOUT (AC
COUPLED)
20mV/DIV
COUT = 1µF
200ns/DIV
VIN = 3.3V
IL = 100mA
COUT = 3.3µF
COUT = 10µF
32005 G09
IL
10mA TO
90mA
50mA/DIV
VOUT
(AC
COUPLED)
50mV/DIV
10
µs/DIV
VIN = 3.3V
COUT = 1µF
32005 G10
VSHDN
2V/DIV
VOUT
1V/DIV
200
µs/DIV
VIN = 3V
32005 G08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com