Electronic Components Datasheet Search
  English  ▼

X  

LTC3200 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3200
Description  Low Noise, Regulated Charge Pump DC/DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3200 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3200 Datasheet HTML 2Page - Linear Technology LTC3200 Datasheet HTML 3Page - Linear Technology LTC3200 Datasheet HTML 4Page - Linear Technology LTC3200 Datasheet HTML 5Page - Linear Technology LTC3200 Datasheet HTML 6Page - Linear Technology LTC3200 Datasheet HTML 7Page - Linear Technology LTC3200 Datasheet HTML 8Page - Linear Technology LTC3200 Datasheet HTML 9Page - Linear Technology LTC3200 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3200/LTC3200-5
6
OPERATIO
Operation (Refer to Simplified Block Diagrams)
The LTC3200/LTC3200-5 use a switched capacitor charge
pump to boost VIN to a regulated output voltage. Regula-
tion is achieved by sensing the output voltage through an
internal resistor divider (LTC3200-5) and modulating the
charge pump output current based on the error signal. A
2-phase nonoverlapping clock activates the charge pump
switches. The flying capacitor is charged from VIN on the
first phase of the clock. On the second phase of the clock
it is stacked in series with VIN and connected to VOUT. This
sequence of charging and discharging the flying capacitor
continues at a free running frequency of 2MHz (typ).
In shutdown mode all circuitry is turned off and the
LTC3200/LTC3200-5 draw only leakage current from the
VIN supply. Furthermore, VOUT is disconnected from VIN.
The SHDN pin is a CMOS input with a threshold voltage of
approximately 0.8V. The LTC3200/LTC3200-5 is in shut-
down when a logic low is applied to the SHDN pin. Since
the SHDN pin is a high impedance CMOS input it should
never be allowed to float. To ensure that its state is defined
it must always be driven with a valid logic level.
Short-Circuit/Thermal Protection
The LTC3200/LTC3200-5 have built-in short-circuit current
limiting as well as overtemperature protection. During
short-circuit conditions, they will automatically limit their
output current to approximately 225mA. At higher tempera-
tures, or if the input voltage is high enough to cause exces-
sive self heating on chip, thermal shutdown circuitry will
shut down the charge pump once the junction temperature
exceeds approximately 160
°C. It will reenable the charge
pump once the junction temperature drops back to approxi-
mately 155
°C. The LTC3200/LTC3200-5 will cycle in and
out of thermal shutdown indefinitely without latch-up or
damage until the short-circuit on VOUT is removed.
Shutdown Current
Since the output voltage can go above the input voltage,
special circuitry is required to control internal logic.
Detection logic will draw an input current of 5
µA when the
LTC3200 is in shutdown. However, this current will be
eliminated when the output voltage (VOUT) is at 0V. To
ensure that VOUT is at 0V in shutdown on the adjustable
LTC3200 a bleed resistor may be needed from VOUTtoGND.
Typically 10k to 100k is acceptable.
Soft-Start
The LTC3200/LTC3200-5 have built-in soft-start circuitry
to prevent excessive current flow at VIN during start-up.
The soft-start time is preprogrammed to approximately
1ms, so the start-up current will be primarily dependent
upon the output capacitor. The start-up input current can
be calculated with the expression:
IC
V
ms
STARTUP
OUT
OUT
= 2
1
For example, with a 2.2
µF output capacitor the start-up
input current of an LTC3200-5 will be approximately
22mA. If the output capacitor is 10
µF then the start-up
input current will be about 100mA.
Programming the LTC3200 Output Voltage (FB Pin)
While the LTC3200-5 version has an internal resistive
divider to program the output voltage, the programmable
LTC3200 may be set to an arbitrary voltage via an external
resistive divider. Since it employs a voltage doubling
charge pump, it is not possible to achieve output voltages
greater than twice the available input voltage. Figure 1
shows the required voltage divider connection.
The voltage divider ratio is given by the expression:
R
R
V
V
OUT
1
2
1 268
1
=
.
–
Typical values for total voltage divider resistance can
range from several k
Ωs up to 1MΩ.
8
7
4
VOUT
FB
PGND
R1
32005 F01
COUT
R2
5
VOUT
1.268V 1 + R1
R2
()
SGND
Figure 1. Programming the Adjustable LTC3200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com