Electronic Components Datasheet Search
  English  ▼

X  

AN2866 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2866
Description  RFID tags extract all of their power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2866 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2866 Datasheet HTML 13Page - STMicroelectronics AN2866 Datasheet HTML 14Page - STMicroelectronics AN2866 Datasheet HTML 15Page - STMicroelectronics AN2866 Datasheet HTML 16Page - STMicroelectronics AN2866 Datasheet HTML 17Page - STMicroelectronics AN2866 Datasheet HTML 18Page - STMicroelectronics AN2866 Datasheet HTML 19Page - STMicroelectronics AN2866 Datasheet HTML 20Page - STMicroelectronics AN2866 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AN2866
Contactless measurement method
17/24
Figure 16.
Oscilloscope views
Figure 17 provides a synthesis of the measurements made. It is obtained by plotting
characteristic points for different frequencies at a given voltage. Each resonance trace
represents a synthesis for a definite voltage transmission.
Figure 17.
Synthesis of resonance traces for different voltages
Note:
1
Without a tag: the scope trace must be as flat as possible. It is the reason why the antenna
connected to the generator must not be tuned at 13.56 MHz.
2
With a tag on the antenna: the scope trace shows the resonance of the system without any
contact.
Transmission: 0.2 V sine (13.56 MHz)
Reception: 0.1 V sine (13.56 MHz)
Transmission: 0.2 V sine (14.3 MHz)
Reception: 0.2 V sine (14.3 MHz)
ai15820
0
0.5
1
1.5
2
2.5
3
3.5
12.5
13
13.5
14
14.5
100 mV
200 mV
300 mV
400 mV
ai15821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com