Electronic Components Datasheet Search
  English  ▼

X  

AN2866 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2866
Description  RFID tags extract all of their power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2866 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2866 Datasheet HTML 14Page - STMicroelectronics AN2866 Datasheet HTML 15Page - STMicroelectronics AN2866 Datasheet HTML 16Page - STMicroelectronics AN2866 Datasheet HTML 17Page - STMicroelectronics AN2866 Datasheet HTML 18Page - STMicroelectronics AN2866 Datasheet HTML 19Page - STMicroelectronics AN2866 Datasheet HTML 20Page - STMicroelectronics AN2866 Datasheet HTML 21Page - STMicroelectronics AN2866 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Non-contactless (contact) measurement method
AN2866
18/24
6
Non-contactless (contact) measurement method
This section describes a non-contactless verification method of antenna coil prototypes. The
results presented here are based on a short-range (SR) tag antenna initially designed to
have the following characteristics:
●
Antenna dimensions: 38 mm × 38 mm (A3)
●
Tuning frequency: 14.4 MHz
6.1
Without an analyzer (second method)
Equipment needed:
●
Signal generator
●
Oscilloscope
●
Reference capacitor
●
Loop antenna
The equivalent circuit of the antenna coil can be determined using the appropriate
measuring instruments (see Figure 18) and following the instructions described in
Section 6.1.2.
6.1.1
Preparing the equipment and connections
The reference capacitor simulates the presence of the chip. Connect it to the coil using an
appropriate test fixture (to generate as little interference as possible). The coil is now ready
for measurements.
To make the analysis, connect a second ISO standard loop antenna (see Figure 14) (with a
50
Ω input resistance) to the oscilloscope, and place it in the field generated by the first loop
antenna as shown in Figure 18.
Figure 18.
Measurement circuit
The measurement circuit is now operational.
Oscilloscope
250 Msamples/s
47 k
Ω
Ctun
ai15822
Signal generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com