Electronic Components Datasheet Search
  English  ▼

X  

AN2866 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2866
Description  RFID tags extract all of their power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2866 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2866 Datasheet HTML 15Page - STMicroelectronics AN2866 Datasheet HTML 16Page - STMicroelectronics AN2866 Datasheet HTML 17Page - STMicroelectronics AN2866 Datasheet HTML 18Page - STMicroelectronics AN2866 Datasheet HTML 19Page - STMicroelectronics AN2866 Datasheet HTML 20Page - STMicroelectronics AN2866 Datasheet HTML 21Page - STMicroelectronics AN2866 Datasheet HTML 22Page - STMicroelectronics AN2866 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AN2866
Non-contactless (contact) measurement method
19/24
6.1.2
Instructions
Measurements are made with the coil prototype physically connected to the signal
generator.
Generate a signal (sine 13.56 MHz) at a 10 V voltage. Then vary the transmission frequency
(from 12.5 MHz to 15 MHz), in order to obtain as high a signal level as possible on the
reception side. Use the oscilloscope to determine the signal level and thus determine the
resonant frequency (see Figure 19).
Figure 19.
Determining the resonance frequency
6.1.3
Example using an LRI2K device
In this example, the selected device is a long-range RFID tag named LRI2K. The initial
design target for the inlay antenna is:
●
Dimensions: the antenna must fit within an ISO ID1 format credit card
●
Frequency tuning target: 13.6 MHz
Procedure
Follow the steps described below:
1.
Choose the tuning capacitance of the product: 21 pF
2.
Determine the objective Inductance:
3.
Define the antenna’s mechanical dimensions: 45 × 75 (mm)
4.
Definition of the test matrix: use the calculated Lant value, then, take two more or less
close values depending on the precision required:
–
6.56 µH (Lant)
–
6.88 µH (Lant +5%)
–
6.23 µH (Lant –5%)
5.
Production of antenna coil samples:
50
150
250
350
450
550
12.5
13
13.5
14
14.5
15
MHz
mV
ai15824
L
ant
1
2
π f
0
⋅
()
2
C
tun
⋅
---------------------------------------------
6.56 µH
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com