Electronic Components Datasheet Search
  English  ▼

X  

AN2866 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2866
Description  RFID tags extract all of their power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2866 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2866 Datasheet HTML 16Page - STMicroelectronics AN2866 Datasheet HTML 17Page - STMicroelectronics AN2866 Datasheet HTML 18Page - STMicroelectronics AN2866 Datasheet HTML 19Page - STMicroelectronics AN2866 Datasheet HTML 20Page - STMicroelectronics AN2866 Datasheet HTML 21Page - STMicroelectronics AN2866 Datasheet HTML 22Page - STMicroelectronics AN2866 Datasheet HTML 23Page - STMicroelectronics AN2866 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Non-contactless (contact) measurement method
AN2866
20/24
Figure 20.
Coil samples
6.
Characterization of antenna coil samples
The coil samples are characterized using the Hp 8712ET analyzer in reflection mode
and the 7405-901 Eaton/Alitech (singer) 6 cm loop probe. The probe generates a field
and analyzes the response field.
Figure 21.
Coil characterization
7.
Determining the best coil parameter
Figure 21 shows that the ideal tuning is between Lant and Lant +5%.
The average of the two is given by:
8.
Definition of the test matrix: use the new calculated Lant value, then, take two more or
less close values depending on the precision required:
–
6.72 µH (Lant)
–
6.85 µH (Lant +2%)
–
6.58 µH (Lant –2%)
9.
Production of antenna coil samples:
ai15824
6.56 µH (Lant)
6.88 µH (Lant +5%)
6.23 µH (Lant – 5%)
V
F
13.56 MHz
6.23 µH
6.56 µH
6.88 µH
ai15825
L
ant
L
ant
()
L
ant
5%
+
()
+
2
-----------------------------------------------------
6.72 µH
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com