Electronic Components Datasheet Search
  English  ▼

X  

AN3137 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 7Page - STMicroelectronics AN3137 Datasheet HTML 8Page - STMicroelectronics AN3137 Datasheet HTML 9Page - STMicroelectronics AN3137 Datasheet HTML 10Page - STMicroelectronics AN3137 Datasheet HTML 11Page - STMicroelectronics AN3137 Datasheet HTML 12Page - STMicroelectronics AN3137 Datasheet HTML 13Page - STMicroelectronics AN3137 Datasheet HTML 14Page - STMicroelectronics AN3137 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
AN3137
STM8L/STM8AL ADC internal hardware
Doc ID 16983 Rev 3
11/42
1.4
Power supply range
The ADC is powered from VDDA/VSSA pins (usually connected to VDD/VSS - depending on
packages). The voltage range for a proper ADC operation is from 1.8 V to 3.6 V (the digital
part operates from 1.65 V). See the electrical characteristics in the STM8L/STM8AL device
datasheets for further details.
1.5
ADC reference voltage
The ADC reference voltage is either internally connected to the analog power supply pins or
connected to the VREF+ external pin, where an external reference voltage source can be
connected. This reference voltage connection option depends on the STM8L/STM8AL
package and device types:
●
In case VDDA supply voltage is greater than 2.4 V, the VREF+ pin can be connected to a
voltage different from VDDA. VREF+ must then be greater or equal to 2.4 V and less or
equal to VDDA (VDDA ≥VREF+ ≥ 2.4 V).
●
In case VDDA supply voltage is less than 2.4 V, VREF+ must have the same voltage as
VDDA.
As the ADC reference voltage highly influences ADC precision, these voltage properties are
an important characteristic to be taken into account in the application design (stability,
noise,...).
The ADC can convert the VREFINT internal reference voltage (on ADC channel 25) to
perform calibration (especially when VDD/VSS are used as reference voltage). See
Section 2.3.2: Correction to VDD/VREF stability for more information.
1.6
Input analog multiplexer
The ADC has an input multiplexer which is used to select one of the STM8L/STM8AL input
pins as the analog input to the ADC. 25 external channels (on I/O pins) and 2 internal
channels (internal reference voltage and temperature sensor) are available.
The Schmitt triggers can be disabled on selected ADC input pins (mainly used in digital I/O
pin configuration). The STM8L/STM8AL power consumption can then decrease but the
digital inputs on the corresponding I/O pins will not work.
1.6.1
Internal channels
Internal analog channels (internal reference voltage and temperature sensor) can be used
for calibration purposes (or for temperature measurement). These analog sources must be
enabled before using them (they are disabled by default so as to save power).
1.6.2
Fast/slow channels
Analog channels are divided into two groups: a fast channel sequence and a slow channel
sequence.
Each channel sequence has an own individual setting for sampling time (two different
sampling times can be set: one for each channel sequence).This feature is useful when
some measured voltage sources require a longer sampling time (e.g. source with a high
internal impedance). Refer to Section 2.3.3: Measurement of sources with high internal
impedance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com