Electronic Components Datasheet Search
  English  ▼

X  

AN3137 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 16Page - STMicroelectronics AN3137 Datasheet HTML 17Page - STMicroelectronics AN3137 Datasheet HTML 18Page - STMicroelectronics AN3137 Datasheet HTML 19Page - STMicroelectronics AN3137 Datasheet HTML 20Page - STMicroelectronics AN3137 Datasheet HTML 21Page - STMicroelectronics AN3137 Datasheet HTML 22Page - STMicroelectronics AN3137 Datasheet HTML 23Page - STMicroelectronics AN3137 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
ADC errors
AN3137
20/42
Doc ID 16983 Rev 3
3.5.4
AC performance
Usually ADC performance is good only when the spectrum of the input signal is limited from
zero to half of the sampling frequency (Nyquist frequency). This is because an ADC design
contains not only resistors but also capacitors (and parasitic RLC elements). Therefore
frequency response degrades ADC performance if frequency increases. In case of AC
measurement, the ADC frequency parameters must be studied; mainly signal-to-noise ratio
(SNR), total harmonic distortion (THD) and spurious-free dynamic range (SFDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42