Electronic Components Datasheet Search
  English  ▼

X  

AN3137 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 12Page - STMicroelectronics AN3137 Datasheet HTML 13Page - STMicroelectronics AN3137 Datasheet HTML 14Page - STMicroelectronics AN3137 Datasheet HTML 15Page - STMicroelectronics AN3137 Datasheet HTML 16Page - STMicroelectronics AN3137 Datasheet HTML 17Page - STMicroelectronics AN3137 Datasheet HTML 18Page - STMicroelectronics AN3137 Datasheet HTML 19Page - STMicroelectronics AN3137 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
ADC errors
AN3137
16/42
Doc ID 16983 Rev 3
3
ADC errors
3.1
Introduction
This section lists the main errors which have an effect on A/D conversion accuracy. These
types of error occur in all A/D converters and conversion quality depends on eliminating
them. Values for these errors are specified in the ADC characteristics section of the
STM8L/STM8AL device datasheets. The datasheets also include sections describing
sources of error or methods for minimizing them.
3.2
Linearity errors
3.2.1
Differential nonlinearity
Differential nonlinearity (DNL) shows how far a code is from a neighboring code. The
distance is measured as a change in input voltage magnitude and then converted to LSBs.
Good ADC performances are specified as “no missing codes”. This means that if the input
voltage is swept over its range, all output code combinations will appear at the converter
output. A DNL error of <±1 LSB guarantees no missing codes. With a DNL equal to -1 LSB,
the ADC does not guarantee to have no missing codes. With a DNL greater than -1, the
device has missing codes.
Figure 7.
DNL: no missing codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com