Electronic Components Datasheet Search
  English  ▼

X  

AN3137 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3137
Description  Analog-to-digital converter on STM8L and STM8AL devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3137 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3137 Datasheet HTML 23Page - STMicroelectronics AN3137 Datasheet HTML 24Page - STMicroelectronics AN3137 Datasheet HTML 25Page - STMicroelectronics AN3137 Datasheet HTML 26Page - STMicroelectronics AN3137 Datasheet HTML 27Page - STMicroelectronics AN3137 Datasheet HTML 28Page - STMicroelectronics AN3137 Datasheet HTML 29Page - STMicroelectronics AN3137 Datasheet HTML 30Page - STMicroelectronics AN3137 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
AN3137
Methods for precision improvement
Doc ID 16983 Rev 3
27/42
Figure 13.
Noise observed on ADC input pin during ADC conversions
4.4.2
Explanation of the behavior
The explanation of this added pin noise and added measurement error (in case a signal
source with high internal impedance is used) comes from the internal ADC structure: its
input sampling circuit.
Figure 14 shows a simplified schematic of the input stage (sample and hold circuit).
Figure 14.
ADC simplified schematic of input stage - sample and hold circuit
The spikes (noise) present on ADC input pin during conversions are related to the sampling
switch (S1). If the switch is closed, some charge (coming from the sample and hold
capacitor Csh or caused by another effect) is transferred to the input pin. Then this charge
starts discharging through the source impedance (Rin). The discharge process ends at the
end of the sampling time (tS) when the switch S1 is opened. The remaining undischarged
voltage remains on the capacitor Csh and ADC measures this voltage. If the sampling time
(tS) is too short, the remaining voltage does not drop under 0.5 lsb and ADC measurement
shows an added error. Figure 15 shows this process.
ADC input signal during
conversion: an ADC noise is
injected to the input.
ai17904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com