Electronic Components Datasheet Search
  English  ▼

X  

AN3168 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3168 Datasheet HTML 7Page - STMicroelectronics AN3168 Datasheet HTML 8Page - STMicroelectronics AN3168 Datasheet HTML 9Page - STMicroelectronics AN3168 Datasheet HTML 10Page - STMicroelectronics AN3168 Datasheet HTML 11Page - STMicroelectronics AN3168 Datasheet HTML 12Page - STMicroelectronics AN3168 Datasheet HTML 13Page - STMicroelectronics AN3168 Datasheet HTML 14Page - STMicroelectronics AN3168 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AN3168
Triggering circuits
Doc ID 17193 Rev 1
11/20
4.
T Triac switches off when its current reaches zero. Then the mains voltage is applied
back between A1 and A2. So Capacitor C is then recharged in negative bias. This will
go on until the negative diac VBO is reached.
5.
Triac T is switched on as explained on point 2 but here in Q3 (current sunk from the
gate and negative VA2-A1 voltage).
This means that ACS can not be triggered by such circuits as they need that their gate
current is always sunk from the gate (i.e. only Q2 and Q3 triggering is possible).
The main point to check with Diac-based circuits is that the gate current pulse width lasts
enough time to allow the Triac anode current to reach the latching level IL (see Reference 1
for further information on this parameter). Figure 12 explains this point. The gate current has
to be higher than the maximum specified IGT up to reaching a load current, i.e an anode
current, higher than the maximum latching current (according to datasheet maximum value,
but also for the lowest junction temperature as IL increases with temperature decrease).
This will ensure a correct Triac turn on.
Figure 12.
Required gate pulse width, with Diac circuit, to trigger the Triac
When the pulse width (tp) is defined, Figure 13 (from the DB3TG datasheet) can then be
used to define the Rs and C values. For example, if a 15 µs pulse width is required, a 33
Ω
resistor Rs is required with a 150 nF capacitor C.
It should be noted also that resistor Rs is helpful to keep Diac current below its maximum
repetitive current allowed (ITRM parameter).
Figure 13.
Typical pulse width duration versus Rs and C values
time
Load current
Gate current
time
Zoom
IL MAX
IGT MAX
t
p
time
Load current
Gate current
time
I
I
15 µs
150 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com