Electronic Components Datasheet Search
  English  ▼

X  

AN3168 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3168 Datasheet HTML 12Page - STMicroelectronics AN3168 Datasheet HTML 13Page - STMicroelectronics AN3168 Datasheet HTML 14Page - STMicroelectronics AN3168 Datasheet HTML 15Page - STMicroelectronics AN3168 Datasheet HTML 16Page - STMicroelectronics AN3168 Datasheet HTML 17Page - STMicroelectronics AN3168 Datasheet HTML 18Page - STMicroelectronics AN3168 Datasheet HTML 19Page - STMicroelectronics AN3168 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AN3168
Examples of negative power supplies
Doc ID 17193 Rev 1
16/20
operates in discontinuous mode. Discontinuous mode has the advantage of reducing the
size and the cost of the inductance with respect to continuous mode.
Equation 8 gives a simplified relation between the average output DC current and the
inductance value for discontinuous mode (VIPer power losses not considered).
Equation 8
The minimum inductance value is limited by the VIPer peak current limitation (IDlim). For
VIPer16 device, the typical peak current limitation is 400 mA. The minimum inductance in
discontinuous mode is given by:
Equation 9
The ratio between output and input voltages is used to define the VIPer duty cycle.
Equation 10
For a 230 V mains voltage, a 12 V output voltage and a 60 kHz switching frequency
(VIPer16 typical frequency), the average output current versus different inductances and the
typical standby power consumption are:
The advantage of a buck-boost converter compared to a buck converter is that there is no
need for an added output load resistance or output Zener (see Reference 3). For both
topologies, the feedback capacitor is still discharged with the IC feedback pin current,
whereas the output capacitor is not discharged if the output current is zero. The feedback
capacitor then indicates a lower output level than reality. Furthermore, this drawback is
amplified by the buck topology as the output capacitor is charged during each MOSFET on
time, whereas the feedback capacitor is not. So output voltage can increase to an excessive
value and has to be clamped.
The added resistance or clamping diode is then required at the buck output to avoid an
excessive output voltage in case of no-load or very light load.
With a buck-boost converter, the output capacitor is not charged during MOSFET on time.
Furthermore, the output voltage capacitor (C6) can not be charged if the feedback capacitor
(C2) voltage is lower than C6, as diode D2 is blocked. So there is no risk of an excessive
output voltage and the clamping device is not required.
Table 5.
Calculated average output DC current (
≈ 0.035) and typical standby
losses
L2 inductance
900 µH
800 µH
700 µH
600 µH (min. value)
Average output DC current, IOUT(av)
100 mA
115 mA
130 mA
155 mA
Stand-by power consumption, POFF
≈ 100 mW
OUT
2
)
peak
(
mains
2
OUT
V
f
2
L
2
V
I
×
×
×
×
α
=
f
I
V
2
L
lim
D
)
peak
(
mains
(min)
×
α
×
=
α
−
α
=
1
V
V
e
s
e
s
s
V
V
V
+
=
α
so



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com