Electronic Components Datasheet Search
  English  ▼

X  

AN3168 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3168 Datasheet HTML 12Page - STMicroelectronics AN3168 Datasheet HTML 13Page - STMicroelectronics AN3168 Datasheet HTML 14Page - STMicroelectronics AN3168 Datasheet HTML 15Page - STMicroelectronics AN3168 Datasheet HTML 16Page - STMicroelectronics AN3168 Datasheet HTML 17Page - STMicroelectronics AN3168 Datasheet HTML 18Page - STMicroelectronics AN3168 Datasheet HTML 19Page - STMicroelectronics AN3168 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AN3168
Examples of negative power supplies
Doc ID 17193 Rev 1
18/20
Figure 18.
Flyback power supply with VIPer16 device
For flyback converter design, please refer to the technical note TN0023 from
STMicroelectronics.
3.6
Comparison of negative power supplies
Table 6 summarizes the advantages and drawbacks of the negative power supplies
introduced in the point 3 according to the cost, the size, the easiness of implementation, the
standby power consumption, the output current capability and the capability to generate
easily one or more output voltages.
Q1
D4
R6
C2
Vdd
D1
C4
C5
R7
D5
AC mains
D3
C1
R2
L1
R3
LIM
COMP
VIPer16
D
Vdd
FB
C6
R5
R4
C3
D2
VDD
D6
Q1
D4
C2
Vdd
C4
C5
R7
D5
V
DD
AC mains
V
SS
D3
C1
L1
R1
R3
Control
VIPer16
D
S / GND
C6
C3
V
DD
Table 6.
Comparison of negative power supplies(1)
Power supply
type
Cost
Size
Easy of
implementation
Standby power
consumption
Output
Max. current
level
Number
Linear
-
--
++
--
+
1 or more
Capacitive
+
-
++
-
--
1
Resistive
-
+
++
--
---
1
Buck-boost
++
++
+
+++
+++
1
Flyback
+
+
+
+++
++++
1 or more
1.
Key: +: good, -: bad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com