Electronic Components Datasheet Search
  English  ▼

X  

AN3168 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3168
Description  In alternating current applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3168 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3168 Datasheet HTML 10Page - STMicroelectronics AN3168 Datasheet HTML 11Page - STMicroelectronics AN3168 Datasheet HTML 12Page - STMicroelectronics AN3168 Datasheet HTML 13Page - STMicroelectronics AN3168 Datasheet HTML 14Page - STMicroelectronics AN3168 Datasheet HTML 15Page - STMicroelectronics AN3168 Datasheet HTML 16Page - STMicroelectronics AN3168 Datasheet HTML 17Page - STMicroelectronics AN3168 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AN3168
Examples of negative power supplies
Doc ID 17193 Rev 1
14/20
The drawbacks of this solution are:
●
Low average output current. The maximum average output current is about 30 mA. For
higher output current, the size and the cost of the C2 capacitor becomes prohibitive.
Moreover, the inrush current stress at power supply turn on increases and will need
higher resistor R1 power.
●
High standby power consumption. For example, the standby power consumption
equals about 0.8 W for a 230 V power supply with a capacitor C2 of 1 µF, a 15 V zener
diode and a 60
Ω R1.
3.3
Resistive power supply
Figure 16 show the schematic diagram of a negative resistive power supply.
Figure 16.
Resistive power supply
To have a constant voltage across C1, the average value of the input current (IIN(av)) must be
equal to the average value of the output current (IOUT(av)). The input current is a half-wave
rectified current, whose average value is given by the following equation (C1 impedance and
diode D1 voltage drop neglected):
Equation 6
The standby power consumption (POFF) is set by the R1 resistor value and is equal to:
Equation 7
For a 230 V mains voltage and a 15 V zener voltage, the calculated average output current
and standby power consumption versus different resistors are:
Table 4.
Calculated average output DC current and standby power consumption
Resistor R1
25 k
Ω
18 k
Ω
12 k
Ω
8 k
Ω
Average output DC current, IOUT(av)
3.9 mA
5.5 mA
8.2 mA
12.3 mA
Stand-by power consumption, POFF
1 W1.3 W2 W
3 W
C1
AC mains
V
DD
D2
R1
D1
V
SS
)
av
(
OUT
z
)
peak
(
mains
)
av
(
IN
I
1
R
V
V
I
=
π
×
−
=
1
R
4
)
V
V
(
P
2
z
)
peak
(
mains
OFF
×
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com