Electronic Components Datasheet Search
  English  ▼

X  

LT1319 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1319
Description  Multiple Modulation Standard Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1319 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1319 Datasheet HTML 3Page - Linear Technology LT1319 Datasheet HTML 4Page - Linear Technology LT1319 Datasheet HTML 5Page - Linear Technology LT1319 Datasheet HTML 6Page - Linear Technology LT1319 Datasheet HTML 7Page - Linear Technology LT1319 Datasheet HTML 8Page - Linear Technology LT1319 Datasheet HTML 9Page - Linear Technology LT1319 Datasheet HTML 10Page - Linear Technology LT1319 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1319
1319fb
APPLICATIONS INFORMATION
tion, the loops around the gain stages provide an accurate
DC threshold setting for the comparators. At DC, the loops
force the differential voltages at the output of the gain
stages to zero. The comparator threshold is set by the
currents provided by the VTH generator through the 500Ω
resistors RC1 and RC3. These currents are equal to 4 times
the current into Pin 11. For 100
μAintoPin11,thecompara-
tor thresholds are nominally 200mV.
Power Supply Rejection and Biasing
The LT1319 has very high gain and bandwidth so great care
is taken to reduce false output transitions due to power
supply noise. As a first step the VCC input is regulated down
to approximately 4V to power all the analog sections of the
circuit which are also tied to Analog Ground (Pin 1) as is the
substrate of the die. Additionally, the internal 4V is by-
passed at Pin 16. The digital circuitry (the comparators and
shutdown logic) is powered directly off of VCC and is
returned to Digital Ground (Pin 12). To provide a clean bias
point for the preamp, filter buffers and the gain stages, a
1.9V reference is generated from the 4V rail and is by-
passed at Pin 5. The gain stages are pure differential
designs which inherently reject supply variations.
Filtering
Filtering is needed for two main reasons: sensitivity and
ambient rejection. Lowpass filtering is needed to limit the
bandwidth in order to minimize the noise. Low noise
permits reliable detection of smaller input signals over a
larger distance. Highpass filtering is used to reject interfer-
ing ambient signals. Interference includes low frequency
sources of infrared light such as sunlight, incandescent
lights, and ordinary fluorescent lights, as well as high
frequency sources such as TV remote controls (40kHz) and
high frequency fluorescent lighting (40kHz to 80kHz).
The circuit topology allows for filtering between the pream-
plifier and the filter buffers as well as filtering with the three
internal highpass loops. With two channels the filtering can
be optimized for different modulation schemes. The high
speed channel (with a 25ns comparator) is ideal for modu-
lation schemes using frequencies above 1MHz. Carrier-
based methods as well as narrow pulse schemes can have
superior ambient rejection by adding in a dedicated high-
pass filter network. The application on the first page of the
data sheet is repeated in the Block Diagram and can be used
to illustrate the filtering for IRDA-SIR and Sharp/Newton.
The preamp highpass zero is set by GM1 and CF1. The break
frequency is located at:
f = (15k
Ω/10kΩ)/(2π • 4kΩ • 10nF) = 6kHz
On the low speed channel there is a lowpass filter at 800kHz
set by RF2 and CF3. The gain stage has a highpass filter set
by GM2 and CF4 at approximately 500kHz. The high speed
channel has an LC tank circuit at 500kHz with Q = 3 set by
RF1. The high speed gain stage has a highpass character-
istic set by GM3 and CF5 with a break frequency of 1.1kHz.
These filters are suitable for the 1.6
μs pulses and up to
115kBd data rates of IRDA-SIR on the slow channel. The
fast channel is used for Sharp/Newton ASK Modulation
with 500kHz bursts at data rates up to 38.4kBd.
A second circuit is shown in the Typical Applications
section for IRDA SIR/FIR and Sharp. This circuit is Demo
Board 54. The first filter is a preamp highpass loop set at
600Hz by CF7 for IRDA or 180kHz by CF1 for Sharp. Sharp
modulation is run on the low speed channel and is next
filtered by a tank circuit formed by RF2, LF1 and CF3 and
centered at 500kHz. LF1 also provides the DC bias for the
filter buffer input. A final highpass for the lower speed
channel is set by CF4 at 130kHz. The high speed channel is
used by IRDA SIR and FIR which use 1.6
μs and 220ns wide
pulses. A lowpass formed by RF1 and CF2 limit the noise
bandwidth. The final highpass is set by CF5 (2.5MHz for
FIR) or CF6 (450kHz). The squelch circuit formed by Q1, Q2,
Q3 and RC1 to RC6 extends the short range performance
and will be discussed later.
In designing custom filters for different applications, the
following guidelines should be used.
1. Limit the noise bandwidth with a lowpass filter that has
a rise time equal to half the pulse width. For example, for
1
μs pulses a 700kHz lowpass filter has a 10% to 90%
rise time of 0.35/700kHz = 500ns.
2. Limit the maximum highpass to 1/(4 • pulse width). For
1
μs pulses, 1/4μs = 250kHz.
3. In setting the highpass filters, space the filters apart by
a factor of 5 to 10 to reduce overshoot due to filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com