Electronic Components Datasheet Search
  English  ▼

X  

LT1319 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1319
Description  Multiple Modulation Standard Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1319 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1319 Datasheet HTML 4Page - Linear Technology LT1319 Datasheet HTML 5Page - Linear Technology LT1319 Datasheet HTML 6Page - Linear Technology LT1319 Datasheet HTML 7Page - Linear Technology LT1319 Datasheet HTML 8Page - Linear Technology LT1319 Datasheet HTML 9Page - Linear Technology LT1319 Datasheet HTML 10Page - Linear Technology LT1319 Datasheet HTML 11Page - Linear Technology LT1319 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1319
1319fb
APPLICATIONS INFORMATION
first trace in the photograph shows the current with the
photodiode 10cm from a source with 100mW/sr intensity.
At 200mV/div, there is about 40
μA of peak current and the
decay is consistent with the 210ns time constant. The
lower trace shows the current with the photodiode 2cm
from the LEDs where the photodiode current is theoreti-
cally 25 times greater than at 10cm. The voltage is clamped
by the photodiode to nearly 0.4V, but what is now notice-
able is that there is a tail with a time constant a bit greater
than 1
μs. If the signal is AC coupled and has a low duty
cycle, the waveform will be centered at the very bottom
which can result in very wide output pulses. This issue will
be discussed later in more detail and a method to circum-
vent it will be shown.
or nominally 0.68mV for RT1 = 30k. The largest practical
value of RT1 is 39k. The limitation tends to be switching
transients at the comparator outputs parasitically coupling
to the FILTIN or FILTINL inputs and is layout dependent.
Extending Short Range Performance
The short range performance of the LT1319 is normally
limited by the photocurrent tail, but in some instances the
peak current level cannot be supported by the output of the
preamplifier and the input will sag at Pin 2. Typically the
maximum input current is 6mA. To increase this current to
20mA or more, place an NPN transistor with its emitter tied
to Pin 2, the base to Pin 4 and collector to the 5V supply.
The choice of transistor is dependent on the bandwidth
required for the preamp. The base-emitter capacitance of
the transistor (CJE), is in parallel with the 15k feedback
resistor of the preamplifier and performs a lowpass filter-
ing function. For modest data rates such as IRDA-SIR and
Sharp/Newton a 2N3904 limits the bandwidth to 2MHz
which is ample. For the highest data rates, a transistor with
fT greater than 1GHz is needed such as MMBR941LT1.
Another issue with large input signals is the photocurrent
tail. When this tail is AC coupled and the data has a low duty
cycle, the output pulse width can become so wide that it
extends into the next bit interval. A highpass filter can reject
this tail, but for the case of IRDA-SIR, rejecting the 1
μstime
constant can cause rejection of the 1.6
μspulsewhichleads
to a loss of sensitivity and reduced maximum link distance.
The circuit on the front page of the data sheet uses a 500kHz
highpass that trades off some sensitivity for rejection of
this tail. Unfortunately both maximum and minimum dis-
tance are compromised. An alternative is shown in the
IRDA-SIR/FIR application. In this instance the final highpass
filter for SIR is moved into 450kHz, but a clamp/squelch
circuit consisting of Q1, Q2, D3 and RC1 to RC6 is added. Q1
is used as described above to clamp the input, but the input
current level at which the clamp engages has been modified
by RC1 and RC2.
Without the resistors, Q1 would turn on when the voltage
across the 15k resistor in the preamp reaches about 0.7V
(a current of 0.7V/15k
Ω = 47μA). The drop across RC1
reduces this voltage by about 365mV. The drop is set by the
Photocurrent Waveforms
10cm
2cm
1319 AI01
Threshold Adjustment
The comparator thresholds are set by the current into Pin
11. The simplest method of setting this current is by a
resistor, RT1 tied between Pin 11 and Pin 15 (VCC). Pin 11
should be bypassed. The current is given by:
I
VV
Rk
TH
CC
T
=
−
()
+
()
09
2
1
.
Ω
The threshold referred to the input of the filter buffer is:
V
I
VV
TH
TH
=
••
/
4 500
400
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com