Electronic Components Datasheet Search
  English  ▼

X  

LT1319 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1319
Description  Multiple Modulation Standard Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1319 Datasheet(HTML) 1 Page - Linear Technology

  LT1319 Datasheet HTML 1Page - Linear Technology LT1319 Datasheet HTML 2Page - Linear Technology LT1319 Datasheet HTML 3Page - Linear Technology LT1319 Datasheet HTML 4Page - Linear Technology LT1319 Datasheet HTML 5Page - Linear Technology LT1319 Datasheet HTML 6Page - Linear Technology LT1319 Datasheet HTML 7Page - Linear Technology LT1319 Datasheet HTML 8Page - Linear Technology LT1319 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1319
1319fb
S
FEATURE
DESCRIPTIO
The LT
®1319 is a general purpose building block that
contains all the circuitry necessary to transform modu-
lated photodiode signals back to digital signals. The
circuit’s flexibility permits it to receive multiple modulation
methods. A low noise, high frequency preamplifier per-
forms a current-to-voltage conversion while rejecting low
frequency ambient interference with an AC coupling loop.
Two separate high impedance filter buffer inputs are
provided so that off-chip filtering can be tailored for
specific modulation schemes. The filter buffers drive sepa-
rate differential gain stages that end in comparators with
internal hysteresis. The comparator thresholds are adjust-
able externally by the current into Pin 11. One channel has
a high speed 25ns comparator required for high data rates.
The second channel’s comparator has a 60ns response
time and is well suited to more modest data rates. A power
saving shutdown feature is useful in portable applications.
For IRDA 4PPM contact the LTC Marketing Department.
Multiple Modulation Standard
Infrared Receiver
■
Receives Multiple IR Modulation Methods
■ Low Noise, High Speed Preamp: 2pA/
√Hz, 7MHz
■ Low Frequency Ambient Rejection Loops
■
Dual Gain Channels: 8MHz, 400V/V
■ 25ns and 60ns Comparators
■ 16-Lead SO Package
■
5V Single Supply Operation
■ Supply Current: 14mA
■ Shutdown Supply Current: 500
μA
■
External Comparator Threshold Setting
■ IRDA: SIR, FIR
■ Sharp/Newton
■ TV Remote
■
High Data Rate Modulation Methods
ODULATIO STA DARDS
IRDA and Sharp/Newton Data Receiver
TYPICAL APPLICATION
AN_GND
IN
FILT1
PREOUT
VBIAS
FILTINL
FILT2L
FILTIN
LT1319
SHUTDOWN INPUT
IRDA DATA
SHARP/NEWTON DATA
VCC
RT1
30k
CB1
0.1
μF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CB3
10
μF
CB2
10
μF
CT1
1
μF
CF4
2.2nF
CB4
1
μF
LF1
100
μH
CF5
1
μF
AGND
DGND
LT1319 • TA01
CF1
10nF
CF3
100pF
CF2
1nF
RF2
2k
RF1
1k
D1*
BYPASS
VCC
SHDN
DATAL
DIG_GND
VTH
DATA
FILT2
*BPW34FA OR BPV22NF
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LT1319

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1319 LINER-LT1319 Datasheet
281Kb / 12P
Multiple Modulation Standard Infrared Receiver
LT1319CS LINER-LT1319CS Datasheet
281Kb / 12P
Multiple Modulation Standard Infrared Receiver
More results

Similar Description - LT1319

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1319 LINER-LT1319 Datasheet
281Kb / 12P
Multiple Modulation Standard Infrared Receiver
logo
Broadcom Corporation.
BCM4500 BOARDCOM-BCM4500 Datasheet
111Kb / 1P
ADVANCED MODULATION SATELLITE RECEIVER
logo
NXP Semiconductors
TDA3047 PHILIPS-TDA3047 Datasheet
382Kb / 6P
INFRARED RECEIVER
March 1991
TDA3048 PHILIPS-TDA3048 Datasheet
382Kb / 6P
INFRARED RECEIVER
March 1991
logo
Broadcom Corporation.
BCM4500 BOARDCOM-BCM4500_03 Datasheet
133Kb / 2P
ADVANCED MODULATION SATELLITE RECEIVER
logo
Everlight Electronics C...
EAIRMHA1 EVERLIGHT-EAIRMHA1 Datasheet
752Kb / 9P
Infrared Receiver Control Receiver Module
EAIRMIA3 EVERLIGHT-EAIRMIA3 Datasheet
530Kb / 8P
Infrared Receiver Control Receiver Module
EAIRMLA1 EVERLIGHT-EAIRMLA1 Datasheet
679Kb / 9P
Infrared Receiver Control Receiver Module
EAIRMLA2 EVERLIGHT-EAIRMLA2 Datasheet
699Kb / 9P
Infrared Receiver Control Receiver Module
EAIRMMA0 EVERLIGHT-EAIRMMA0 Datasheet
597Kb / 8P
Infrared Receiver Control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com