Electronic Components Datasheet Search
  English  ▼

X  

LT1319 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1319
Description  Multiple Modulation Standard Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1319 Datasheet(HTML) 5 Page - Linear Technology

  LT1319 Datasheet HTML 1Page - Linear Technology LT1319 Datasheet HTML 2Page - Linear Technology LT1319 Datasheet HTML 3Page - Linear Technology LT1319 Datasheet HTML 4Page - Linear Technology LT1319 Datasheet HTML 5Page - Linear Technology LT1319 Datasheet HTML 6Page - Linear Technology LT1319 Datasheet HTML 7Page - Linear Technology LT1319 Datasheet HTML 8Page - Linear Technology LT1319 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1319
1319fb
BLOCK DIAGRA
–
+
13
DATAL
5V
11
VTH
12
DIG_GND
RC1
500
Ω
RG2
1k
RL2
10k
VBIAS
VBIAS
gm
4k
RG1
1k
RFB
15k
DS1
RC2
500
Ω
RSC
2k
LOW FREQUENCY
COMPARATOR
COMP 1
–
+
A3
AV = 20
–
+
A2
AV = 20
–
+
A1
FILTER
BUFFER
PREAMP
VTH
GEN
RL1
10k
RF1
1k
RF2
2k
RT1
30k
CT1
1
μF
RH1
50k
RS3
20k
RS5
20k
RS6
1k
RS2
20k
RS1
20k
RS4
20k
RH2
50k
1
GM2
GM3
–
+
10
DATA
RC3
500
Ω
RG4
1k
RL3
10k
VBIAS
gm
4k
RG3
1k
RC4
500
Ω
HIGH FREQUENCY
COMPARATOR
COMP 2
–
+
A6
AV = 20
–
+
A5
AV = 20
–
+
A4
FILTER
BUFFER
1
+
–
+
+
+
–
gm
4k
GM1
+
–
+
+
+
CF1
10nF
CB4
1
μF
CF4
2.2nF
CF2
1nF
+
+
+
CF3
100pF
15
5V
VCC
16
BYPASS
14
SHDN
CB2
10
μF
+
+
+
CB3
10
μF
+
CB1
0.1
μF
CF5
1
μF
9
FILT2
LT1319 • BD
Q1
Q2
Q4
VREG
Q3
DS2
3
FILT1
6
FILTINL
7
FILT2L
8
FILTIN
5
VBIAS
4
PREOUT
PHOTO-
DIODE
1
AN_GND
1
2
IN
IPD
LF1
100
μH
+
NOTE: EXTERNAL COMPONENTS ARE SHOWN FOR AN IRDA AND SHARP/NEWTON DATA RECEIVER.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com