Electronic Components Datasheet Search
  English  ▼

X  

LTC1473 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1473
Description  Dual PowerPath Switch Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1473 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1473 Datasheet HTML 8Page - Linear Technology LTC1473 Datasheet HTML 9Page - Linear Technology LTC1473 Datasheet HTML 10Page - Linear Technology LTC1473 Datasheet HTML 11Page - Linear Technology LTC1473 Datasheet HTML 12Page - Linear Technology LTC1473 Datasheet HTML 13Page - Linear Technology LTC1473 Datasheet HTML 14Page - Linear Technology LTC1473 Datasheet HTML 15Page - Linear Technology LTC1473 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC1473
TYPICAL APPLICATION
Protected Automatic Switchover Between Two Supplies
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN1
IN2
DIODE
TIMER
V+
VGG
SW
GND
GA1
SAB1
GB1
SENSE+
SENSE–
GA2
SAB2
GB2
LTC1473
+
L1*, 1mH
C5
1
µF
+
C7
1
µF
C6
4700pF
–
+
5
6
7
–
+
3
2
1
8
4
1M
1M
10k
10k
1M
SUPPLY V2
SUPPLY V1
1M
1
µF
5V
18
3
LT1121-5
D1
MMBD2838LT1
Q1
Si9926DY
Q2
Si9926DY
R3
0.033
Ω
OUT
*1812LS-105XKBC, COILCRAFT
1473 TA04
LT1490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com