Electronic Components Datasheet Search
  English  ▼

X  

LTC1473 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1473
Description  Dual PowerPath Switch Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1473 Datasheet(HTML) 4 Page - Linear Technology

  LTC1473 Datasheet HTML 1Page - Linear Technology LTC1473 Datasheet HTML 2Page - Linear Technology LTC1473 Datasheet HTML 3Page - Linear Technology LTC1473 Datasheet HTML 4Page - Linear Technology LTC1473 Datasheet HTML 5Page - Linear Technology LTC1473 Datasheet HTML 6Page - Linear Technology LTC1473 Datasheet HTML 7Page - Linear Technology LTC1473 Datasheet HTML 8Page - Linear Technology LTC1473 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC1473
TYPICAL PERFORMANCE CHARACTERISTICS
Logic Input Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–50
1.0
1.1
1.3
1.4
1.5
0
1.9
1473 G11
1.2
– 25
25
50
75
100
125
1.6
1.7
1.8
VHIGH
VLOW
V + = 20V
Logic Input Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–50
1.0
1.1
1.3
1.4
1.5
0
1.9
1473 G10
1.2
– 25
25
50
75
100
125
1.6
1.7
1.8
VHIGH
VLOW
V + = 5V
Timer Latch Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–50
1.10
1.12
1.16
1.18
1.20
0
1.28
1473 G12
1.14
– 25
25
50
75
100
125
1.22
1.24
1.26
V + = 20V
Timer Source Current
vs Temperature
TEMPERATURE (
°C)
–50
4.0
4.5
5.5
6.0
6.5
0
8.5
1473 G13
5.0
– 25
25
50
75
100
125
7.0
7.5
8.0
V + = 20V
TIMER = 0V
Turn-On Delay and Gate Rise Time
vs Temperature
TEMPERATURE (
°C)
–50
0
5
15
20
25
0
45
1473 G06
10
– 25
25
50
75
100
125
30
35
40
GATE RISE
TIME
V + = 20V
CLOAD = 1000pF
VSAB = 0V
TURN-ON
DELAY
Turn-Off Delay and Gate Fall Time
vs Temperature
TEMPERATURE (
°C)
–50
0.4
0.6
1.0
1.2
1.4
0
2.2
1473 G07
0.8
– 25
25
50
75
100
125
1.6
1.8
2.0
GATE FALL
TIME
V + = 20V
CLOAD = 1000pF
VSAB = 20V
TURN-OFF
DELAY
Rise and Fall Time
vs Gate Capacitive Loading
GATE CAPACITIVE LOADING (pF)
10
20
30
40
100
1000
10000
1473 G08
10
5
25
35
15
0
RISE TIME
VSAB = 0V
FALL TIME
VSAB = 20V
Sense Pin Source Current
IBSENSE vs VSENSE
VSENSE (V)
0
20
1473 • TPC14
5
10
15
2.5
7.5
12.5
17.5
175
150
125
100
75
50
25
0
–25
V+ = 20V
VDIODE = VIN1 = 5V
VIN2 = 0V
VSENSE+ – VSENSE– = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com