Electronic Components Datasheet Search
  English  ▼

X  

LTC1473 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1473
Description  Dual PowerPath Switch Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1473 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1473 Datasheet HTML 2Page - Linear Technology LTC1473 Datasheet HTML 3Page - Linear Technology LTC1473 Datasheet HTML 4Page - Linear Technology LTC1473 Datasheet HTML 5Page - Linear Technology LTC1473 Datasheet HTML 6Page - Linear Technology LTC1473 Datasheet HTML 7Page - Linear Technology LTC1473 Datasheet HTML 8Page - Linear Technology LTC1473 Datasheet HTML 9Page - Linear Technology LTC1473 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1473
FUNCTIONAL DIAGRA
GA1
SAB1
GB1
GA2
SAB2
GB2
1473 FD
SENSE+
SENSE–
IN1
IN2
DIODE
V+
TIMER
V+
SW
TO
GATE
DRIVERS
VGG
GND
1.20V
VGG
SWITCHING
REGULATOR
INRUSH
CURRENT
SENSE
900k
5.5
µA
LATCH
R
S
–
+
SW A1/B1
GATE
DRIVERS
SW A2/B2
GATE
DRIVERS
16
15
14
13
12
11
10
9
8
6
5
4
3
2
1
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com