Electronic Components Datasheet Search
  English  ▼

X  

LTC1473 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1473
Description  Dual PowerPath Switch Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1473 Datasheet(HTML) 2 Page - Linear Technology

  LTC1473 Datasheet HTML 1Page - Linear Technology LTC1473 Datasheet HTML 2Page - Linear Technology LTC1473 Datasheet HTML 3Page - Linear Technology LTC1473 Datasheet HTML 4Page - Linear Technology LTC1473 Datasheet HTML 5Page - Linear Technology LTC1473 Datasheet HTML 6Page - Linear Technology LTC1473 Datasheet HTML 7Page - Linear Technology LTC1473 Datasheet HTML 8Page - Linear Technology LTC1473 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1473
ABSOLUTE MAXIMUM RATINGS
DCIN, BAT1, BAT2 Supply Voltage .............. – 0.3 to 32V
SENSE +, SENSE –, V + .................................. – 0.3 to 32V
GA1, GB1, GA2, GB2 ................................... – 0.3 to 42V
SAB1, SAB2 ................................................. – 0.3 to 32V
SW, VGG ...................................................... – 0.3 to 42V
IN1, IN2, DIODE ........................................ – 0.3V to 7.5V
Junction Temperature (Note 2) ............................. 125
°C
Operating Temperature Range
Commercial ............................................. 0
°C to 70°C
Industrial ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
PACKAGE/ORDER INFORMATION
LTC1473CGN
LTC1473IGN
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
IN1
IN2
DIODE
TIMER
V+
VGG
SW
GND
GA1
SAB1
GB1
SENSE+
SENSE–
GA2
SAB2
GB2
TJMAX = 125°C, θJA = 150°C/ W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
V+
Supply Operating Range
4.75
30
V
IS
Supply Current
VIN1 = VDIODE = 5V, VIN2 = 0V, VSENSE+ = VSENSE– = 20V
q
100
200
µA
VGS
VGS Gate Supply Voltage
VGS = VGG – V+
q
7.5
8.5
9.5
V
V +UVLO
V + Undervoltage Lockout Threshold
V + Ramping Down
2.7
3.1
3.5
V
V +UVLOHYS
V + Undervoltage Lockout Hysteresis
0.75
1
1.25
V
VHIDIGIN
Digital Input Logic High
q
2
1.6
V
VLODIGIN
Digital Input Logic Low
q
1.5
0.8
V
IIN
Input Current
VIN1 = VIN2 = VDIODE = 5V
±1
µA
VGS(ON)
Gate-to-Source ON Voltage
IGA1 = IGA2 = IGB1 = IGB2 = – 1µA, VSAB1 = VSAB2 = 20V
q
5.0
5.7
7.0
V
VGS(OFF)
Gate-to-Source OFF Voltage
IGA1 = IGA2 = IGB1 = IGB2 = 100µA, VSAB1 = VSAB2 = 20V
q
00.4
V
IBSENSE
+
SENSE + Input Bias Current
VSENSE
+ = VSENSE– = 20V
q
24.5
6.5
µA
VSENSE+ = VSENSE– = 0V (Note 3)
q
– 300
– 160
– 100
µA
IBSENSE–
SENSE – Input Bias Current
VSENSE+ = VSENSE– = 20V
q
24.5
6.5
µA
VSENSE+ = VSENSE– = 0V (Note 3)
q
– 300
– 160
– 100
µA
VSENSE
Inrush Current Limit Sense Voltage
VSENSE– = 20V (VSENSE+ – VSENSE–)
q
0.15
0.20
0.25
V
VSENSE– = 0V (VSENSE+ – VSENSE–)
0.10
0.20
0.30
V
IPDSAB
SAB1, SAB2 Pull-Down Current
VIN1 = VIN2 = VDIODE = 0.8V
5
20
35
µA
VIN1 = VIN2 = 0.8V, VDIODE = 2V
30
200
350
µA
ITIMER
Timer Source Current
VIN1 = 0.8V, VIN2 = VDIODE = 2V, VTIMER = 0V,
q
35.5
9
µA
VSENSE+ – VSENSE– = 300mV
VTIMER
Timer Latch Threshold Voltage
VIN1 = 0.8V, VIN2 = VDIODE = 2V
q
1.1
1.2
1.3
V
tON
Gate Drive Rise Time
CGS = 1000pF, VSAB1 = VSAB2 = 0V (Note 4)
33
µs
tOFF
Gate Drive Fall Time
CGS = 1000pF, VSAB1 = VSAB2 = 20V (Note 4)
2
µs
tD1
Gate Drive Turn-On Delay
CGS = 1000pF, VSAB1 = VSAB2 = 0V (Note 4)
22
µs
tD2
Gate Drive Turn-Off Delay
CGS = 1000pF, VSAB1 = VSAB2 = 20V (Note 4)
1
µs
fOVGG
VGG Regulator Operating Frequency
30
kHz
ELECTRICAL CHARACTERISTICS
Test circuit, V + = 20V, unless otherwise specified.
Consult factory for Military grade parts.
(Note 1)
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
GN PART MARKING
1473
1473I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com