Electronic Components Datasheet Search
  English  ▼

X  

LTC1734 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1734
Description  Lithium-Ion Linear Battery Charger in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1734 Datasheet(HTML) 2 Page - Linear Technology

  LTC1734 Datasheet HTML 1Page - Linear Technology LTC1734 Datasheet HTML 2Page - Linear Technology LTC1734 Datasheet HTML 3Page - Linear Technology LTC1734 Datasheet HTML 4Page - Linear Technology LTC1734 Datasheet HTML 5Page - Linear Technology LTC1734 Datasheet HTML 6Page - Linear Technology LTC1734 Datasheet HTML 7Page - Linear Technology LTC1734 Datasheet HTML 8Page - Linear Technology LTC1734 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1734
ORDER PART
NUMBER
(Note 1)
Supply Voltage (VCC) ...................................– 0.3V to 9V
Input Voltage (BAT, PROG) ........ – 0.3V to (VCC + 0.3V)
Output Voltage (DRIVE) .............. – 0.3V to (VCC + 0.3V)
Output Current (ISENSE) ................................... – 900mA
Short-Circuit Duration (DRIVE) ...................... Indefinite
Junction Temperature .......................................... 125
°C
Operating Ambient Temperature Range
(Note 2) ...............................................–40
°C to 85°C
Operating Junction Temperature (Note 2) ............ 100
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
LTC1734ES6-4.1
LTC1734ES6-4.2
TJMAX = 125°C, θJA = 230°C/W
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
S6 PART MARKING
LTHD
LTRG
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, GND = 0V and VBAT is equal to the float voltage unless
otherwise noted. All current into a pin is positive and current out of a pin is negative. All voltages are referenced to GND, unless
otherwise specified.
ELECTRICAL CHARACTERISTICS
ISENSE 1
GND 2
VCC 3
6 DRIVE
5 BAT
4 PROG
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC SOT-23
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply
VCC
Operating Supply Range (Note 5)
q
4.55
8
V
ICC
Quiescent VCC Pin Supply Current
VBAT = 5V, (Forces IDRIVE = IBAT = 0),
q
670
1150
µA
IPROG = 200µA,(7500Ω from PROG to GND)
ISHDN
VCC Pin Supply Current in Manual Shutdown
PROG Pin Open
q
450
900
µA
IBMS
Battery Drain Current in Manual Shutdown
PROG Pin Open
q
–1
0
1
µA
(Note 3)
IBSL
Battery Drain Current in Sleep Mode (Note 4)
VCC = 0V
q
–1
0
1
µA
VUVLOI
Undervoltage Lockout Exit Threshold
VCC Increasing
q
4.45
4.56
4.68
V
VUVLOD
Undervoltage Lockout Entry Threshold
VCC Decreasing
q
4.30
4.41
4.53
V
VUVHYS
Undervoltage Lockout Hysteresis
VCC Decreasing
150
mV
Charging Performance
VBAT
Output Float Voltage in Constant Voltage Mode
4.1V Version, IBAT = 10mA, 4.55V ≤ VCC ≤ 8V
q
4.059
4.10
4.141
V
4.2V Version, IBAT = 10mA, 4.55V ≤ VCC ≤ 8V
q
4.158
4.20
4.242
V
IBAT1
Output Full-Scale Current When Programmed
RPROG = 7500Ω, 4.55V ≤ VCC ≤ 8V,
q
155
200
240
mA
for 200mA in Constant Current Mode
Pass PNP Beta > 50
IBAT2
Output Full-Scale Current When Programmed
RPROG = 2143Ω, 4.55V ≤ VCC ≤ 8V,
q
620
700
770
mA
for 700mA in Constant Current Mode
Pass PNP Beta > 50
VCM1
Current Monitor Voltage on PROG Pin
IBAT = 10% of IBAT1, RPROG = 7500Ω,
0.045
0.15
0.28
V
4.55V
≤ VCC ≤ 8V, Pass PNP Beta > 50,
0
°C ≤ TA ≤ 85°C
VCM2
Current Monitor Voltage on PROG Pin
IBAT = 10% of IBAT2, RPROG = 2143Ω,
0.10
0.15
0.20
V
4.55V
≤ VCC ≤ 8V, Pass PNP Beta > 50,
0
°C ≤ TA ≤ 85°C
IDSINK
Drive Output Current
VDRIVE = 3.5V
q
30
mA
Consult LTC Marketing for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com