Electronic Components Datasheet Search
  English  ▼

X  

LTC1734 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1734
Description  Lithium-Ion Linear Battery Charger in ThinSOT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1734 Datasheet(HTML) 4 Page - Linear Technology

  LTC1734 Datasheet HTML 1Page - Linear Technology LTC1734 Datasheet HTML 2Page - Linear Technology LTC1734 Datasheet HTML 3Page - Linear Technology LTC1734 Datasheet HTML 4Page - Linear Technology LTC1734 Datasheet HTML 5Page - Linear Technology LTC1734 Datasheet HTML 6Page - Linear Technology LTC1734 Datasheet HTML 7Page - Linear Technology LTC1734 Datasheet HTML 8Page - Linear Technology LTC1734 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1734
TYPICAL PERFOR A CE CHARACTERISTICS
IBAT2 vs Temperature
and Supply Voltage
IBAT1 vs VBAT
TEMPERATURE (
°C)
–50
660
700
740
0
50
75
1734 G04
–25
25
100
125
RPROG = 2.15k
PNP = FCX589
VCC = 4.55V AND 8V
VBAT (V)
0
210
4
1734 G05
200
190
1
2
3
5
VCC = 5V
TA = 25°C
RPROG = 7.5k
PNP = FCX589
BAT PIN MUST BE DISCONNECTED
AND GROUNDED TO FORCE
CC MODE IN THIS REGION
IBAT2 vs VBAT
VBAT (V)
0
750
4
1734 G06
700
650
1
2
3
5
VCC = 5V
TA = 25°C
RPROG = 2.15k
PNP = FCX589
BAT PIN MUST BE DISCONNECTED
AND GROUNDED TO FORCE
CC MODE IN THIS REGION
Program Pin Pull-Up Current vs
Temperature and Supply Voltage
Program Pin Pull-Up Current
vs VPROG
Program Pin Voltage
vs Charge Current (200mA)
TEMPERATURE (
°C)
–50
3.4
3.5
3.6
25
75
1734 G07
3.3
3.2
–25
0
50
100
125
3.1
3.0
VPROG = 2.5V
VCC = 8V
VCC = 4.55V
VPROG (V)
2
2.6
2.8
3.0
3.2
3.4
3.6
3
45
6
1635 G08
78
VCC = 8V
TA = 25°C
IBAT1 (mA)
0
0.8
1.0
1.2
200
1734 F09
0.6
0.4
0
50
100
150
0.2
1.6
1.4
VCC = 5V
TA = 25°C
RPROG = 7.5k
PNP = FCX589
LIMITS AT 25mV DUE TO
PROGRAMMING PIN PULL-UP
CURRENT (IPROGPU)
Program Pin Voltage
vs Charge Current (700mA)
Program Pin Voltage for IBAT1/10
vs Temperature and Supply Voltage
IBAT2 (mA)
0
1.4
300
1734 G10
0.8
0.4
100
200
400
0.2
0
1.6
1.2
1.0
0.6
500
600
700
VCC = 5V
TA = 25°C
RPROG = 2.15k
PNP = FCX589
LIMITS AT 6mV DUE TO
PROGRAMMING PIN PULL-UP
CURRENT (IPROGPU)
TEMPERATURE (
°C)
–50
140
150
160
0
50
75
1734 G11
–25
25
100
125
RPROG = 7.5k
PNP = FCX589
VCC = 8V
VCC = 4.55V
Program Pin Voltage for IBAT2/10
vs Temperature and Supply Voltage
TEMPERATURE (
°C)
–50
140
150
160
0
50
75
1734 G12
–25
25
100
125
RPROG = 2.15k
PNP = FCX589
VCC = 8V
VCC = 4.55V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com